Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L031F4 Datasheet(PDF) 63 Page - STMicroelectronics

Part # STM32L031F4
Description  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L031F4 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STM32L031F4 Datasheet HTML 59Page - STMicroelectronics STM32L031F4 Datasheet HTML 60Page - STMicroelectronics STM32L031F4 Datasheet HTML 61Page - STMicroelectronics STM32L031F4 Datasheet HTML 62Page - STMicroelectronics STM32L031F4 Datasheet HTML 63Page - STMicroelectronics STM32L031F4 Datasheet HTML 64Page - STMicroelectronics STM32L031F4 Datasheet HTML 65Page - STMicroelectronics STM32L031F4 Datasheet HTML 66Page - STMicroelectronics STM32L031F4 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 118 page
background image
DocID027063 Rev 4
63/118
STM32L031x4/6
Electrical characteristics
95
Table 32. Typical and maximum current consumptions in Standby mode
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
IDD
(Standby)
Supply current in Standby
mode
Independent watchdog
and LSI enabled
TA = -40 °C to 25 °C
0.8
1.6
µA
TA = 55 °C
0.9
1.8
TA= 85 °C
1
2
TA = 105 °C
1.3
3
TA = 125 °C
2.15
7
Independent watchdog
and LSI off
TA = -40 °C to 25 °C
0.255
0.6
TA = 55 °C
0.28
0.7
TA = 85 °C
0.405
1
TA = 105 °C
0.7
1.7
TA = 125 °C
1.55
5
1. Guaranteed by characterization results at 125 °C, unless otherwise specified
Table 33. Average current consumption during wakeup
Symbol
parameter
System frequency
Current
consumption
during wakeup
Unit
IDD (WU from
Stop)
Supply current during wakeup from
Stop mode
HSI
1
mA
HSI/4
0.7
MSI 4,2 MHz
0.7
MSI 1,05 MHz
0.4
MSI 65 KHz
0.1
IDD (Reset)
Reset pin pulled down
-
0.21
IDD (Power Up)
BOR on
-
0.23
IDD (WU from
StandBy)
With Fast wakeup set
MSI 2,1 MHz
0.5
With Fast wakeup disabled
MSI 2,1 MHz
0.12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com