Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L031F4 Datasheet(PDF) 116 Page - STMicroelectronics

Part # STM32L031F4
Description  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L031F4 Datasheet(HTML) 116 Page - STMicroelectronics

Back Button STM32L031F4 Datasheet HTML 110Page - STMicroelectronics STM32L031F4 Datasheet HTML 111Page - STMicroelectronics STM32L031F4 Datasheet HTML 112Page - STMicroelectronics STM32L031F4 Datasheet HTML 113Page - STMicroelectronics STM32L031F4 Datasheet HTML 114Page - STMicroelectronics STM32L031F4 Datasheet HTML 115Page - STMicroelectronics STM32L031F4 Datasheet HTML 116Page - STMicroelectronics STM32L031F4 Datasheet HTML 117Page - STMicroelectronics STM32L031F4 Datasheet HTML 118Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 116 / 118 page
background image
Revision history
STM32L031x4/6
116/118
DocID027063 Rev 4
01-Feb-2016
3
Updated number of SPI interfaces on cover page and in Table 2:
Ultra-low-power STM32L031x4/x6 device features and peripheral
counts.
Updated number of GPIOs for devices in UFQFPN28 in Table 2:
Ultra-low-power STM32L031x4/x6 device features and peripheral
counts.
Updated Section 3.4.4: Boot modes.
Updated Section 3.15.2: Universal synchronous/asynchronous
receiver transmitter (USART) and Section 3.15.4: Serial
peripheral interface (SPI) to mention the fact that USARTs with
synchronous mode feature can be used as SPI master interfaces.
Modified pin 2 in Figure 5: STM32L031x4/6 UFQFPN32 pinout.
Added Figure 7: STM32L031GxUxS UFQFPN28 pinout.
Table 15: Pin definitions:
– Added UFQFPN28 for STM32L031GxUxS part number.
– Renamed PA0-WKUP-CK_IN into PA0-CK_IN
– Renamed PA0-WKUP into PA0
Updated Table 18: Current characteristics to add the total output
current for STM32L031GxUxS.
Added one power pair option in Table 78: STM32L031x4/6 order-
ing information scheme.
Table 79. Document revision history
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com