Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9271 Datasheet(PDF) 13 Page - Xicor Inc.

Part # X9271
Description  Single Digitally-Controlled (XDCP) Potentiometer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9271 Datasheet(HTML) 13 Page - Xicor Inc.

Back Button X9271 Datasheet HTML 9Page - Xicor Inc. X9271 Datasheet HTML 10Page - Xicor Inc. X9271 Datasheet HTML 11Page - Xicor Inc. X9271 Datasheet HTML 12Page - Xicor Inc. X9271 Datasheet HTML 13Page - Xicor Inc. X9271 Datasheet HTML 14Page - Xicor Inc. X9271 Datasheet HTML 15Page - Xicor Inc. X9271 Datasheet HTML 16Page - Xicor Inc. X9271 Datasheet HTML 17Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
X9271
Characteristics subject to change without notice.
13 of 23
REV 1.1.7 2/6/03
www.xicor.com
ABSOLUTE MAXIMUM RATINGS
Temperature under bias ....................–65
°C to +135°C
Storage temperature .........................–65
°C to +150°C
Voltage on SCK any address input
with respect to VSS..................................–1V to +7V
∆V = |(VH–VL)|...................................................... 5.5V
Lead temperature (soldering, 10 seconds)........ 300
°C
IW (10 seconds).................................................. ±6mA
COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only; the functional operation of
the device (at these or any other conditions above
those listed in the operational sections of this
specification) is not implied. Exposure to absolute
maximum rating conditions for extended periods may
affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Temp
Min.
Max.
Commercial
0
°C
+70
°C
Industrial
–40
°C
+85
°C
Device
Supply Voltage (VCC)
(4) Limits
X9271
5V
±10%
X9271-2.7
2.7V to 5.5V
ANALOG CHARACTERISTICS (Over recommended industrial operating conditions unless otherwise stated.)
Notes: (1) Absolute linearity is utilized to determine actual wiper voltage versus expected voltage as determined by wiper position when used
as a potentiometer.
(2) Relative linearity is utilized to determine the actual change in voltage between two successive tap positions when used as a
potentiometer. It is a measure of the error in step size.
(3) MI = RTOT / 255 or (RH – RL) / 255, single pot
(4) During power up VCC > VH, VL, and VW.
(5) n = 0, 1, 2, …,255; m =0, 1, 2, …., 254.
Symbol
Parameter
Limits
Test Conditions
Min.
Typ.
Max.
Units
RTOTAL
End to End Resistance
100
k
Ω
T version
RTOTAL
End to End Resistance
50
k
Ω
U version
End to End Resistance
Tolerance
±20
%
Power Rating
50
mW
25
°C, each pot
IW
Wiper Current
±3
mA
RW
Wiper Resistance
300
Ω
IW = ± 3mA @ VCC = 3V
RW
Wiper Resistance
150
Ω
IW = ± 3mA @ VCC = 5V
VTERM
Voltage on any RH or RL Pin
VSS
VCC
VVSS = 0V
Noise
-120
dBV
/ Hz
Ref: 1V
Resolution
0.4
%
Absolute Linearity(1)
±1
MI(3)
Rw(n)(actual) – Rw(n)(expected)
(5)
Relative Linearity(2)
±0.2
MI(3)
Rw(n + 1) – [Rw(n) + MI]
(5)
Temperature Coefficient of
RTOTAL
±300
ppm/
°C
Ratiometric Temp. Coefficient
20
ppm/°C
CH/CL/CW
Potentiometer Capacitancies
10/10/25
pF
See Macro model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com