Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9271 Datasheet(PDF) 4 Page - Xicor Inc.

Part # X9271
Description  Single Digitally-Controlled (XDCP) Potentiometer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9271 Datasheet(HTML) 4 Page - Xicor Inc.

  X9271 Datasheet HTML 1Page - Xicor Inc. X9271 Datasheet HTML 2Page - Xicor Inc. X9271 Datasheet HTML 3Page - Xicor Inc. X9271 Datasheet HTML 4Page - Xicor Inc. X9271 Datasheet HTML 5Page - Xicor Inc. X9271 Datasheet HTML 6Page - Xicor Inc. X9271 Datasheet HTML 7Page - Xicor Inc. X9271 Datasheet HTML 8Page - Xicor Inc. X9271 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
X9271
Characteristics subject to change without notice.
4 of 23
REV 1.1.7 2/6/03
www.xicor.com
PIN DESCRIPTIONS
Bus Interface Pins
SERIAL OUTPUT (SO)
SO is a serial data output pin. During a read cycle,
data is shifted out on this pin. Data is clocked out by
the falling edge of the serial clock.
SERIAL INPUT
SI is the serial data input pin. All opcodes, byte
addresses and data to be written to the pots and pot
registers are input on this pin. Data is latched by the
rising edge of the serial clock.
SERIAL CLOCK (SCK)
The SCK input is used to clock data into and out of the
X9271.
HOLD (HOLD)
HOLD is used in conjunction with the CS pin to select
the device. Once the part is selected and a serial
sequence is underway, HOLD may be used to pause the
serial communication with the controller without resetting
the serial sequence. To pause, HOLD must be brought
LOW while SCK is LOW. To resume communication,
HOLD is brought HIGH, again while SCK is LOW. If the
pause feature is not used, HOLD should be held HIGH at
all times. CMOS level input.
DEVICE ADDRESS (A1 - A0)
The address inputs are used to set the the 8-bit slave
address. A match in the slave address serial data
stream must be made with the address input in order to
initiate communication with the X9271.
CHIP SELECT (CS)
When CS is HIGH, the X9271 is deselected and the
SO pin is at high impedance, and (unless an internal
write cycle is underway) the device will be in the
standby state. CS LOW enables the X9271, placing it
in the active power mode. It should be noted that after
a power-up, a HIGH to LOW transition on CS is
required prior to the start of any operation.
Potentiometer Pins
RH, RL
The RH and RL pins are equivalent to the terminal
connections on a mechanical potentiometer.
RW
The wiper pin are equivalent to the wiper terminal of a
mechanical potentiometer.
Supply Pins
SYSTEM SUPPLY VOLTAGE (VCC) AND SUPPLY GROUND (VSS)
The VCC pin is the system supply voltage. The VSS pin
is the system ground.
Other Pins
HARDWARE WRITE PROTECT INPUT (WP)
The WP pin when LOW prevents nonvolatile writes to
the Data Registers.
NO CONNECT.
No connect pins should be left floating. This pins are
used for Xicor manufacturing and testing purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com