Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM642GDK720 Datasheet(PDF) 56 Page - Texas Instruments

Part # TMS320DM642GDK720
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM642GDK720 Datasheet(HTML) 56 Page - Texas Instruments

Back Button TMS320DM642GDK720 Datasheet HTML 52Page - Texas Instruments TMS320DM642GDK720 Datasheet HTML 53Page - Texas Instruments TMS320DM642GDK720 Datasheet HTML 54Page - Texas Instruments TMS320DM642GDK720 Datasheet HTML 55Page - Texas Instruments TMS320DM642GDK720 Datasheet HTML 56Page - Texas Instruments TMS320DM642GDK720 Datasheet HTML 57Page - Texas Instruments TMS320DM642GDK720 Datasheet HTML 58Page - Texas Instruments TMS320DM642GDK720 Datasheet HTML 59Page - Texas Instruments TMS320DM642GDK720 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 178 page
background image
www.ti.com
3.2
Configurations After Reset
3.2.1
Peripheral Selection After Device Reset
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200J – JULY 2002 – REVISED AUGUST 2005
Table 3-3. DM642 Device Configuration Pins (TOUT1/LENDIAN, AEA[22:19], GP0[3]/PCIEEAI,
VDAC/GP0[8]/PCI66, HD5/AD5, PCI_EN, and MAC_EN) (continued)
CONFIGURATION
NO.
FUNCTIONAL DESCRIPTION
PIN
HPI peripheral bus width (HPI_WIDTH)
0 - HPI operates as an HPI16.
(HPI bus is 16 bits wide. HD[15:0] pins are used and the remaining HD[31:16] pins are reserved pins in
HD5/AD5
Y1
the Hi-Z state.)
1 - HPI operates as an HPI32.
(HPI bus is 32 bits wide. All HD[31:0] pins are used for host-port operations.)
(Also see the PCI_EN; TOUT0/MAC_EN functional description in this table)
Peripheral Selection
00 - HPI (default mode) [HPI32, if HD5 = 1; HPI16 if HD5 = 0
PCI_EN;
[E2; C5]
01 - EMAC and MDIO; HPI16, if HD5 = 0; HPI disabled, if HD5 = 1
TOUT0/MAC_EN
10 - PCI
11 - Reserved
Video Ports, McBSP1, McBSP0, McASP0 and I2C0
The DM642 device has designated registers for peripheral configuration (PERCFG), device status
(DEVSTAT), and JTAG identification (JTAGID). These registers are part of the Device Configuration
module and are mapped to a 4K block memory starting at 0x01B3F000. The CPU accesses these
registers via the CFGBUS.
The peripheral configuration register (PERCFG), allows the user to control the peripheral selection of the
Video Ports (VP0, VP1, VP2) McBSP0, McBSP1, McASP0, and I2C0 peripherals. For more detailed
information on the PERCFG register control bits, see Figure 3-1 and Table 3-4.
31
24
Reserved
R-0
23
16
Reserved
R-0
15
8
Reserved
R-0
7
6
5
4
3
2
1
0
Reserved
VP2EN
VP1EN
VP0EN
I2C0EN
MCBSP1EN
MCBSP0EN
MCASP0EN
R-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-1
R/W-1
R/W-0
Legend: R = Read only, R/W = Read/Write, -n = value after reset
Figure 3-1. Peripheral Configuration Register (PERCFG)
[Address Location: 0x01B3F000 - 0x01B3F003]
56
Device Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com