Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM642GDK720 Datasheet(PDF) 79 Page - Texas Instruments

Part # TMS320DM642GDK720
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM642GDK720 Datasheet(HTML) 79 Page - Texas Instruments

Back Button TMS320DM642GDK720 Datasheet HTML 75Page - Texas Instruments TMS320DM642GDK720 Datasheet HTML 76Page - Texas Instruments TMS320DM642GDK720 Datasheet HTML 77Page - Texas Instruments TMS320DM642GDK720 Datasheet HTML 78Page - Texas Instruments TMS320DM642GDK720 Datasheet HTML 79Page - Texas Instruments TMS320DM642GDK720 Datasheet HTML 80Page - Texas Instruments TMS320DM642GDK720 Datasheet HTML 81Page - Texas Instruments TMS320DM642GDK720 Datasheet HTML 82Page - Texas Instruments TMS320DM642GDK720 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 178 page
background image
www.ti.com
5.4
Enhanced Direct Memory Access (EDMA) Controller
5.4.1
EDMA Device-Specific Information
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200J – JULY 2002 – REVISED AUGUST 2005
The EDMA controller handles all data transfers between the level-two (L2) cache/memory controller and
the device peripherals on the DM642 DSP. These data transfers include cache servicing, non-cacheable
memory accesses, user-programmed data transfers, and host accesses.
5.4.1.1
EDMA Channel Synchronization Events
The C64x EDMA supports up to 64 EDMA channels which service peripheral devices and external
memory. Table 5-3 lists the source of C64x EDMA synchronization events associated with each of the
programmable EDMA channels. For the DM642 device, the association of an event to a channel is fixed;
each of the EDMA channels has one specific event associated with it. These specific events are captured
in the EDMA event registers (ERL, ERH) even if the events are disabled by the EDMA event enable
registers (EERL, EERH). The priority of each event can be specified independently in the transfer
parameters stored in the EDMA parameter RAM. For more detailed information on the EDMA module and
how EDMA events are enabled, captured, processed, linked, chained, and cleared, etc., see the
TMS320C6000 DSP Enhanced Direct Memory Access (EDMA) Controller Reference Guide (literature
number SPRU234).
Table 5-3. TMS320DM642 EDMA Channel Synchronization Events
(1)
EDMA
EVENT NAME
EVENT DESCRIPTION
CHANNEL
0
DSP_INT
HPI/PCI-to-DSP interrupt
1
TINT0
Timer 0 interrupt
2
TINT1
Timer 1 interrupt
3
SD_INTA
EMIFA SDRAM timer interrupt
4
GPINT4/EXT_INT4
GP0 event 4/External interrupt pin 4
5
GPINT5/EXT_INT5
GP0 event 5/External interrupt pin 5
6
GPINT6/EXT_INT6
GP0 event 6/External interrupt pin 6
7
GPINT7/EXT_INT7
GP0 event 7/External interrupt pin 7
8
GPINT0
GP0 event 0
9
GPINT1
GP0 event 1
10
GPINT2
GP0 event 2
11
GPINT3
GP0 event 3
12
XEVT0
McBSP0 transmit event
13
REVT0
McBSP0 receive event
14
XEVT1
McBSP1 transmit event
15
REVT1
McBSP1 receive event
16
VP0EVTYA
VP0 Channel A Y event DMA request
17
VP0EVTUA
VP0 Channel A Cb event DMA request
18
VP0EVTVA
VP0 Channel A Cr event DMA request
19
TINT2
Timer 2 interrupt
20–23
–
None
24
VP0EVTYB
VP0 Channel B Y event DMA request
25
VP0EVTUB
VP0 Channel B Cb event DMA request
26
VP0EVTVB
VP0 Channel B Cr event DMA request
(1)
In addition to the events shown in this table, each of the 64 channels can also be synchronized with the transfer completion or alternate
transfer completion events. For more detailed information on EDMA event-transfer chaining, see the TMS320C6000 DSP Enhanced
Direct Memory Access (EDMA) Controller Reference Guide (literature number SPRU234).
DM642 Peripheral Information and Electrical Specifications
79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com