Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAMG53G Datasheet(PDF) 13 Page - ATMEL Corporation

Part # SAMG53G
Description  SMART ARM-based Flash MCU
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAMG53G Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button SAMG53G Datasheet HTML 7Page - ATMEL Corporation SAMG53G Datasheet HTML 8Page - ATMEL Corporation SAMG53G Datasheet HTML 9Page - ATMEL Corporation SAMG53G Datasheet HTML 10Page - ATMEL Corporation SAMG53G Datasheet HTML 11Page - ATMEL Corporation SAMG53G Datasheet HTML 12Page - ATMEL Corporation SAMG53G Datasheet HTML 13Page - ATMEL Corporation SAMG53G Datasheet HTML 14Page - ATMEL Corporation SAMG53G Datasheet HTML 15Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
SAM G53G / SAM G53N [SUMMARY DATASHEET]
Atmel-11240DS-ATARM-SAM-G53G-SAM-G53N-Summary-Datasheet_17-Oct-14
6.
Ordering Information
Table 6-1.
Ordering Codes for SAM G53 Devices
Ordering Code
MRL
Flash
(Kbytes)
Package
Carrier Type
Package Type
Temperature
Operating Range
ATSAMG53G19A-UUT
A
512
WLCSP49
Tape and Reel
Green
Industrial
-40°C to 85°C
ATSAMG53N19A-AU
A
512
LQFP100
Tray
Green
Industrial
-40°C to 85°C
ATSAMG53G19B-UUT
B
512
WLCSP49
Tape and Reel
Green
Industrial
-40°C to 85°C
ATSAMG53N19B-AU
B
512
LQFP100
Tray
Green
Industrial
-40°C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com