Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AF526X Datasheet(PDF) 34 Page - STMicroelectronics

Part # STM8AF526X
Description  Automotive 8-bit MCU, with up to 128 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF526X Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STM8AF526X Datasheet HTML 30Page - STMicroelectronics STM8AF526X Datasheet HTML 31Page - STMicroelectronics STM8AF526X Datasheet HTML 32Page - STMicroelectronics STM8AF526X Datasheet HTML 33Page - STMicroelectronics STM8AF526X Datasheet HTML 34Page - STMicroelectronics STM8AF526X Datasheet HTML 35Page - STMicroelectronics STM8AF526X Datasheet HTML 36Page - STMicroelectronics STM8AF526X Datasheet HTML 37Page - STMicroelectronics STM8AF526X Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 125 page
background image
Pinouts and pin description
STM8AF526x/8x/Ax STM8AF6269/8x/Ax
34/125
DocID14395 Rev 15
Table 11. STM8AF526x/8x/Ax and STM8AF6269/8x/Ax pin description
Pin number
Pin name
Input
Output
Main
function
(after
reset)
Default
alternate
function
Alternate
function
after remap
[option bit]
111
1
1
NRST
I/O -
X --
-
-
-
Reset
-
222
2
2
PA1/OSCIN(1)
I/O X X-
-
O1
X
X Port A1
Resonator/
crystal in
-
3
3
3
3
3
PA2/OSCOUT
I/O X XX
-
O1
X
X Port A2
Resonator/
crystal out
-
444
-
-
VSSIO_1
S
-
-
-
-
-
-
-
I/O ground
-
555
4
4
VSS
S
-
-
-
-
-
-
-
Digital ground
-
6
6
6
5
5
VCAP
S
-
-
-
-
-
-
-
1.8 V regulator
capacitor
-
777
6
6
VDD
S
-
-
-
-
-
-
-
Digital power supply
-
888
7
7
VDDIO_1
S
-
-
-
-
-
-
-
I/O power supply
-
999
-
-
PA3/TIM2_CH3 I/O X XX
-
O1
X
X Port A3
Timer 2 -
channel 3
TIM3_CH1
[AFR1]
10 10 10
-
-
PA4/USART_RX I/O X XX
-
O3
X
X Port A4
USART
receive
-
11 11 11
-
-
PA5/USART_TX I/O X XX
-
O3
X
X Port A5
USART
transmit
-
12 12 12
-
8
PA6/USART_CK
(2)
I/O X XX
-
O3
X
X Port A6
USART
synchro
nous clock
-
13
-
---
PH0
I/O X X - HS O3
X
X Port H0
--
14
-
---
PH1
I/O X X- HS O3
X
X Port H1
--
15
-
---
PH2
I/O X X-
-
O1
X
X Port H2
--
16
-
---
PH3
I/O X X-
-
O1
X
X Port H3
--
17 13
-
-
-
PF7/AIN15
I/O X X-
-
O1
X
X
Port F7
Analog
input 15
-
18 14
-
-
-
PF6/AIN14
I/O X X-
-
O1
X
X
Port F6
Analog
input 14
-
19 15
-
-
-
PF5/AIN13
I/O X X-
-
O1
X
X
Port F5
Analog
input 13
-
20 16
-
8
-
PF4/AIN12
I/O X X-
-
O1
X
X
Port F4
Analog
input 12
-
21 17
-
-
-
PF3/AIN11
I/O X X-
-
O1
X
X
Port F3
Analog
input 11
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com