Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AF526X Datasheet(PDF) 36 Page - STMicroelectronics

Part # STM8AF526X
Description  Automotive 8-bit MCU, with up to 128 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF526X Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STM8AF526X Datasheet HTML 32Page - STMicroelectronics STM8AF526X Datasheet HTML 33Page - STMicroelectronics STM8AF526X Datasheet HTML 34Page - STMicroelectronics STM8AF526X Datasheet HTML 35Page - STMicroelectronics STM8AF526X Datasheet HTML 36Page - STMicroelectronics STM8AF526X Datasheet HTML 37Page - STMicroelectronics STM8AF526X Datasheet HTML 38Page - STMicroelectronics STM8AF526X Datasheet HTML 39Page - STMicroelectronics STM8AF526X Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 125 page
background image
Pinouts and pin description
STM8AF526x/8x/Ax STM8AF6269/8x/Ax
36/125
DocID14395 Rev 15
38
-
---
PH7/
TIM1_CH1N
I/O X X-
-
O1
X
X Port H7
Timer 1 -
inverted
channel 2
-
39 31 23
-
-
PE7/AIN8
I/O X X-
-
O1
X
X Port E7
Analog
input 8
-
40 32 24
PE6/AIN9
I/O X XX
-
O1
X
X Port E6
Analog
input 9
-
41 33 25
17
17 PE5/SPI_NSS(2) I/O X XX
-
O1
X
X Port E5
SPI
master/
slave
select
-
42
-
-
-
-
PC0/ADC_ETR I/O X XX
-
O1
X
X Port C0
ADC
trigger
input
-
43 34 26
18
18 PC1/TIM1_CH1 I/O X XX HS O3
X
X Port C1
Timer 1 -
channel 1
-
44 35 27
19
19 PC2/TIM1_CH2 I/O X XX HS O3
X
X Port C2
Timer 1-
channel 2
-
45 36 28
20
20 PC3/TIM1_CH3 I/O X XX HS O3
X
X Port C3
Timer 1 -
channel 3
-
46 37 29
21
21 PC4/TIM1_CH4 I/O X XX HS O3
X
X Port C4
Timer 1 -
channel 4
-
47 38 30
22
22 PC5/SPI_SCK(2) I/O X XX
-
O3
X
X Port C5
SPI clock
-
48 39 31
-
-
VSSIO_2
S
-
-
-
-
-
-
-
I/O ground
-
49 40 32
-
-
VDDIO_2
S
-
-
-
-
-
-
-
I/O power supply
-
50 41 33
23
-
PC6/SPI_MOSI
(2)
I/O X XX
-
O3
X
X Port C6
SPI master
out/
slave in
-
51 42 34
24
-
PC7/SPI_MISO
(2)
I/O X XX
-
O3
X
X Port C7
SPI master
in/ slave
out
-
52 43 35
-
23
PG0/CAN_TX
I/O X X-
-
O1
X
X Port G0
CAN
transmit
-
53 44 36
-
24
PG1/CAN_RX
I/O X X-
-
O1
X
X Port G1
CAN
receive
-
54 45
-
-
-
PG2
I/O X X-
-
O1
X
X Port G2
--
Table 11. STM8AF526x/8x/Ax and STM8AF6269/8x/Ax pin description (continued)
Pin number
Pin name
Input
Output
Main
function
(after
reset)
Default
alternate
function
Alternate
function
after remap
[option bit]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com