Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F318C8 Datasheet(PDF) 123 Page - STMicroelectronics

Part # STM32F318C8
Description  ARM-based Cortex-M4 32-bit MCUFPU, 64 KB Flash, 16 KB SRAM, ADC, DAC, 3 COMP, Op-Amp, 1.8 V
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F318C8 Datasheet(HTML) 123 Page - STMicroelectronics

Back Button STM32F318C8 Datasheet HTML 117Page - STMicroelectronics STM32F318C8 Datasheet HTML 118Page - STMicroelectronics STM32F318C8 Datasheet HTML 119Page - STMicroelectronics STM32F318C8 Datasheet HTML 120Page - STMicroelectronics STM32F318C8 Datasheet HTML 121Page - STMicroelectronics STM32F318C8 Datasheet HTML 122Page - STMicroelectronics STM32F318C8 Datasheet HTML 123Page - STMicroelectronics STM32F318C8 Datasheet HTML 124Page - STMicroelectronics STM32F318C8 Datasheet HTML 125Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 123 / 125 page
background image
DocID026294 Rev 5
123/125
STM32F318C8 STM32F318K8
Revision history
124
9
Revision history
Table 76. Document revision history
Date
Revision
Changes
27-May-2014
1
Initial release.
10-Jun-2014
2
Added the number of comparators in the document title.
Updated the position of VSSA/VREF- pin in WLCSP49
package in Table 12: STM32F318x8 pin definitions.
Added the maximum value for wake up time from stop mode
in Table 33: Low-power mode wakeup timings.
02-Dec-2014
3
Applied the following changes:
– updated the comparator analog supply range in Features,
– added “Interconnect matrix” in Features,
– added some information related to timers in Table 1:
STM32F318x8 device features and peripheral counts
– updated Section 3.5.1: Power supply schemes and added
Table 2: External analog supply values for analog
peripherals
,
– added the last footnote to Table 12: STM32F318x8 pin
definitions
,
– updated Table 38: HSI oscillator characteristics and
Figure 17: HSI oscillator accuracy characterization results
for soldered parts
,
– updated VDDA min value in Table 65: Comparator
characteristics
,
– updated Table 27: Typical and maximum VDDA
consumption in Stop mode
,
– updated Table 33: Low-power mode wakeup timings,
– updated UFQFPN32 and WLCSP49 marking in Chapter 7:
Package information
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com