Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1857 Datasheet(PDF) 3 Page - STMicroelectronics

Part # UM1857
Description  Stepper motor driver expansion board based on L6474 for STM32 Nucleo
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1857 Datasheet(HTML) 3 Page - STMicroelectronics

  UM1857 Datasheet HTML 1Page - STMicroelectronics UM1857 Datasheet HTML 2Page - STMicroelectronics UM1857 Datasheet HTML 3Page - STMicroelectronics UM1857 Datasheet HTML 4Page - STMicroelectronics UM1857 Datasheet HTML 5Page - STMicroelectronics UM1857 Datasheet HTML 6Page - STMicroelectronics UM1857 Datasheet HTML 7Page - STMicroelectronics UM1857 Datasheet HTML 8Page - STMicroelectronics UM1857 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
UM1857
Getting started
DocID027377 Rev 2
3/9
1
Getting started
The X-NUCLEO-IHM01A1 expansion board is a stepper motor driver covering a wide
range of applications.
The maximum ratings are:
Power stage supply voltage (VS) from 8 V to 45 V
Motor phase current up to 3 A rms
To start your project with the board:
1.
Check the jumper position in accordance with your configuration (see Section 2:
"Hardware description and configuration" ).
2.
Connect the board to the STM32 Nucleo board with the connector:
a.
Arduino UNO R3 for the X-NUCLEO-IHM01A1.
b.
ST Morpho for the X-NUCLEO-IHM01A.
Up to three expansion boards can be stacked on the same STM32 Nucleo board, as
described in Section 2.2: "Multi motor configuration".
1.
Supply the board through input 1 (VS) and 2 (ground) of the connector CN1.
2.
The power OK (green) and fault (red) LEDs turn on.
3.
Develop your application using the examples provided with the firmware library.
Further support material is available on the L6474 and STM32 Nucleo web pages
(www.st.com/stm32nucleo).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com