Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCU3000 Datasheet(PDF) 49 Page - Micronas

Part # CCU3000
Description  Central Control Unit
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

CCU3000 Datasheet(HTML) 49 Page - Micronas

Back Button CCU3000 Datasheet HTML 45Page - Micronas CCU3000 Datasheet HTML 46Page - Micronas CCU3000 Datasheet HTML 47Page - Micronas CCU3000 Datasheet HTML 48Page - Micronas CCU3000 Datasheet HTML 49Page - Micronas CCU3000 Datasheet HTML 50Page - Micronas CCU3000 Datasheet HTML 51Page - Micronas CCU3000 Datasheet HTML 52Page - Micronas CCU3000 Datasheet HTML 53Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 77 page
background image
CCU 3000, CCU 3000-I
CCU 3001, CCU 3001-I
MICRONAS INTERMETALL
49
022DH
Timer 2 Control Register 2
Bit
Reset
Read
Write
7
x
x
pin output mode, bit 1: ‘00’ = disabled, ‘01’ = serial
out,
6
x
x
pin output mode, bit 0: ‘10’ = PWM,
‘11’ = carry accu D
5
x
x
read latch, bit 2: ‘000’ = disabled,
‘001’ = carry accu C
4
x
x
read latch, bit 1: ‘010’ = carry accu D, ‘011’ pin
3
x
x
read latch, bit 0: ‘100’ = \pin, ‘101’ = prescaler out-
put, ‘110’ = presc. input, ‘111’ = undefined
2
x
x
accu clock, bit 1: ‘00’ = presc. input,
‘01’ = presc. output
1
x
x
accu clock, bit 0: ‘10’ = pin, ‘11’ = \pin
0
x
x
‘1’ = use accu C with accu D as long one
(16-bit accu)
022EH
Timer 2 Control Register 3
Bit
Reset
Read
Write
7
x
x
interrupt event, bit 2: ‘000’ = none, ‘001’ = pin
6
x
x
interrupt event, bit 1: ‘010’ = \pin,
‘011’ = carry accu C
5
x
x
interrupt event, bit 0: ‘100’ = carry accu D,
‘101’, ‘110’, ‘111’ = undefined
4
x
x
load event, bit 1: ‘00’ = none, ‘01’ = carry accu C,
3
x
x
load event, bit 0: ‘10’ = carry accu D,
‘11’ = register load
2
x
x
accu C input: ‘0’ = bus register, ‘1’ = –1
1
x
x
accu D input: ‘0’ = bus register, ‘1’ = –1
0
x
x
serial mode enable: ‘0’ = disable, ‘1’ = enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com