Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCU3000 Datasheet(PDF) 21 Page - Micronas

Part # CCU3000
Description  Central Control Unit
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

CCU3000 Datasheet(HTML) 21 Page - Micronas

Back Button CCU3000 Datasheet HTML 17Page - Micronas CCU3000 Datasheet HTML 18Page - Micronas CCU3000 Datasheet HTML 19Page - Micronas CCU3000 Datasheet HTML 20Page - Micronas CCU3000 Datasheet HTML 21Page - Micronas CCU3000 Datasheet HTML 22Page - Micronas CCU3000 Datasheet HTML 23Page - Micronas CCU3000 Datasheet HTML 24Page - Micronas CCU3000 Datasheet HTML 25Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 77 page
background image
CCU 3000, CCU 3000-I
CCU 3001, CCU 3001-I
MICRONAS INTERMETALL
21
2.15. IR-Input
The IR-interface consists of two parallel edge detectors
which trigger the rising and falling edge. The respective
state of the rising edge triggered flip-flop can be read
from D0 (triggered positively), or D1 (triggered nega-
tively). Any read event via the CPU deletes both flip-
flops. D2 reflects the status of the IR pin, D3 to D7 are
set to 0.
If the CPU is switched off, the IR-Interface is no longer
available, as the IR pin is used as output for the interrupt
controller. For use as an emulator this function has to be
rebuilt externally. The I/O-address designed for the IR-
INPUT is treated as an external address when the CPU
is switched off, so that the software can remain un-
touched.
Fig. 2–19: IR input
IR
CLR
CLR
D0
D1
from Interrupt
Controller
RD IR
CPU dis
D2
‘1’
‘0’
2.16. Mask Options
There are two mask options:
OSC option:
if this option is set, X1 and X2 can be
used as clock input and output or as
XTAL pins, (depending on control
word bit 5)
RES option:
if this option is set, the reset sources
Power on and Clock Supervision
are disabled with bit 0 of the test
register 2FFH. Default = enabled).
In the production version none of the options is set, in the
EMU version both are set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com