Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD39020 Datasheet(PDF) 15 Page - STMicroelectronics

Part # LD39020
Description  200 mA very low quiescent current linear regulator IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39020 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LD39020 Datasheet HTML 11Page - STMicroelectronics LD39020 Datasheet HTML 12Page - STMicroelectronics LD39020 Datasheet HTML 13Page - STMicroelectronics LD39020 Datasheet HTML 14Page - STMicroelectronics LD39020 Datasheet HTML 15Page - STMicroelectronics LD39020 Datasheet HTML 16Page - STMicroelectronics LD39020 Datasheet HTML 17Page - STMicroelectronics LD39020 Datasheet HTML 18Page - STMicroelectronics LD39020 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
LD39020
Typical characteristics
DocID025316 Rev 3
15/30
Figure 14: Supply voltage rejection vs. frequency
Figure 15: Supply voltage rejection vs. input voltage
Figure 16: Output noise spectral density
Figure 17: Stability area vs. (COUT, ESR)
Figure 18: Enable startup (VOUT = 1 V)
Figure 19: Enable startup (VOUT = 5 V)
AM13865V1
VIN=2V +/- 200mV, VOUT= 1V, COUT =1µF
0
10
20
30
40
50
60
70
80
90
100
100
1000
10000
100000
1000000
Frequency [Hz]
Io ut = 1mA
Io ut = 30 m A
Io ut = 10 0 mA
Io ut = 20 0 mA
AM13869V1
V IN=2V, V EN=0V to V IN, IOUT=0.2 A
, V OUT=1V, Tr=5µ s
VEN
VOUT
I
OUT
AM13870V1
V IN=5.5V, VEN=0V to 2V, I OUT=0.2A
, V OUT=5V, Tr=5µs
VEN
VOUT
I
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com