Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD39020 Datasheet(PDF) 16 Page - STMicroelectronics

Part # LD39020
Description  200 mA very low quiescent current linear regulator IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39020 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button LD39020 Datasheet HTML 12Page - STMicroelectronics LD39020 Datasheet HTML 13Page - STMicroelectronics LD39020 Datasheet HTML 14Page - STMicroelectronics LD39020 Datasheet HTML 15Page - STMicroelectronics LD39020 Datasheet HTML 16Page - STMicroelectronics LD39020 Datasheet HTML 17Page - STMicroelectronics LD39020 Datasheet HTML 18Page - STMicroelectronics LD39020 Datasheet HTML 19Page - STMicroelectronics LD39020 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
Typical characteristics
LD39020
16/30
DocID025316 Rev 3
Figure 20: Turn-on time (VOUT = 1 V)
Figure 21: Turn-off time (VOUT = 1 V)
Figure 22: Turn-on time (VOUT = 5 V)
Figure 23: Turn-off time (VOUT = 5 V)
Figure 24: Line transient (VOUT = 1 V)
Figure 25: Line transient (VOUT = 5 V)
AM13871V1
V IN= V EN= from 0V to 5.5 V, I OUT= 0.2 A
, V OUT= 1 V, Tr = 5µ s
VIN
VOUT
I
OUT
AM13872V1
V IN = V EN = from 5.5 V to 0 V, I OUT = 0.2 A , V OUT= 1 V, T f = 5µ s
VIN
VOUT
I
OUT
AM13873V1
VIN=VEN= from 0V to 5.5V, I OUT=0.2A , VOUT=5V, Tr =5µs
VIN
VOUT
I
OUT
AM13874V1
V IN = VEN = from 5.5 V to 0V, I OUT = 0.2 A , VOUT= 5V, Tf = 5µ s
VIN
VOUT
I
OUT
AM13875V1
V IN=V EN=from 2V to 3V , I OUT=10 mA , V OUT= 1 V, Tr=Tf=5µ s
VIN
VOUT
AM13876V1
V IN= V EN=from 5.1V to 5.5V , I OUT= 10 mA , V OUT= 5 V, Tr= T f= 5µ s
VIN
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com