Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAL115 Datasheet(PDF) 4 Page - Micronas

Part # HAL115
Description  Hall Effect Sensor IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL115 Datasheet(HTML) 4 Page - Micronas

  HAL115 Datasheet HTML 1Page - Micronas HAL115 Datasheet HTML 2Page - Micronas HAL115 Datasheet HTML 3Page - Micronas HAL115 Datasheet HTML 4Page - Micronas HAL115 Datasheet HTML 5Page - Micronas HAL115 Datasheet HTML 6Page - Micronas HAL115 Datasheet HTML 7Page - Micronas HAL115 Datasheet HTML 8Page - Micronas HAL115 Datasheet HTML 9Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HAL115
MICRONAS INTERMETALL
4
Absolute Maximum Ratings
Symbol
Parameter
Pin No.
Min.
Max.
Unit
VDD
Supply Voltage
1
–15
281)
V
VOH
Output Off Voltage
3
–
281)
V
IO
Continuous Output On Current
3
–
20
mA
IO
Peak Output On Current
3
–
2502)
mA
–IDD
Reverse Supply Current
1
251)
mA
Ts
Storage Temperature Range
–65
150
°C
TJ
Junction Temperature Range
–40
150
°C
1) as long as TJmax is not exceeded
2) t<2 ms
Stresses beyond those listed in the “Absolute Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only. Functional operation of the device at these or any other conditions beyond those indicated in the
“Recommended Operating Conditions/Characteristics” of this specification is not implied. Exposure to absolute maxi-
mum ratings conditions for extended periods may affect device reliability.
Recommended Operating Conditions
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
1
4.3
–
24
V
IO
Continuous Output On Current
3
0
–
12.5
mA
RS
Series Resistor
1
–
–
270
Ω
Electrical Characteristics at TJ = –40 °C to +100 °C, VDD = 4.3 V to 24 V,
Typical Characteristics for TJ = 25 °C and VDD = 12 V
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
Test Conditions
VOL
Output Voltage
3
–
125
250
mV
IO = 12.5 mA, TJ = 25 °C
VOL
Output Voltage over
Temperature Range
3
–
125
400
mV
IO = 12.5 mA
IOH
Output Leakage Current
3
–
–
1
µA
B < BOFF, TJ = 25 °C
VDD ≤ 20 V
IOH
Output Leakage Current over
Temperature Range
3
–
–
10
µA
B < BOFF
IDD
Supply Current
1
6.5
8.3
11
mA
TJ = 25 °C, VDD = 12 V
IDD
Supply Current over
Temperature Range
1
5.5
8.3
12
mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com