Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAL115 Datasheet(PDF) 2 Page - Micronas

Part # HAL115
Description  Hall Effect Sensor IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL115 Datasheet(HTML) 2 Page - Micronas

  HAL115 Datasheet HTML 1Page - Micronas HAL115 Datasheet HTML 2Page - Micronas HAL115 Datasheet HTML 3Page - Micronas HAL115 Datasheet HTML 4Page - Micronas HAL115 Datasheet HTML 5Page - Micronas HAL115 Datasheet HTML 6Page - Micronas HAL115 Datasheet HTML 7Page - Micronas HAL115 Datasheet HTML 8Page - Micronas HAL115 Datasheet HTML 9Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
HAL115
MICRONAS INTERMETALL
2
Hall Effect Sensor IC
in CMOS technology
Features:
– operates from 4.3 to 24 V supply voltage with reverse
voltage protection
– operates with magnetic fields from DC to 20 kHz
– overvoltage and reverse-voltage protection
– on-chip temperature compensation circuitry mini-
mizes shifts in on and off points and hysteresis over
temperature and supply voltage
– the decrease of magnetic flux density caused by rising
temperature in the sensor system is compensated by
a built-in negative temperature coefficient of hystere-
sis
– ideal sensor for speed measurement, revolution
counting, positioning, and DC brushless motors
– short-circuit protection
Specifications
– switching type: bipolar
– output turns low with magnetic south pole on branded
side of package
– output can change, if magnetic pole is removed
Marking Code
Type
Temperature Range
E
C
HAL 115UA
115E
115C
HAL 115S
115E
115C
Operating Junction Temperature Range
E: TJ = –40 °C to +100 °C
C: TJ = 0 °C to +100 °C
Designation of Hall Sensors
Type: 115
HAL XXXPP-T
Temperature Range: E or C
Package:UA for TO-92UA,
S for SOT-89A
→ Type: 115
→ Package: TO-92UA
→ Temperature Range: TJ = –40 °C to +100 °C
Example: HAL 115UA-E
Solderability
– Package SOT-89A: according to IEC68-2-58
– Package TO-92UA: according to IEC68-2-20
OUT
GND
3
2
1
VDD
Fig. 1: Pin configuration



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com