Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F437VG Datasheet(PDF) 94 Page - STMicroelectronics

Part # STM32F437VG
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, crypto, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera&LCD-TFT
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F437VG Datasheet(HTML) 94 Page - STMicroelectronics

Back Button STM32F437VG Datasheet HTML 90Page - STMicroelectronics STM32F437VG Datasheet HTML 91Page - STMicroelectronics STM32F437VG Datasheet HTML 92Page - STMicroelectronics STM32F437VG Datasheet HTML 93Page - STMicroelectronics STM32F437VG Datasheet HTML 94Page - STMicroelectronics STM32F437VG Datasheet HTML 95Page - STMicroelectronics STM32F437VG Datasheet HTML 96Page - STMicroelectronics STM32F437VG Datasheet HTML 97Page - STMicroelectronics STM32F437VG Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 240 page
background image
Electrical characteristics
STM32F437xx and STM32F439xx
94/240
DocID024244 Rev 10
6.3
Operating conditions
6.3.1
General operating conditions
Table 17. General operating conditions
Symbol
Parameter
Conditions(1)
Min
Typ
Max
Unit
fHCLK
Internal AHB clock frequency
Power Scale 3 (VOS[1:0] bits in
PWR_CR register = 0x01), Regulator
ON, over-drive OFF
0
-
120
MHz
Power Scale 2 (VOS[1:0] bits
in PWR_CR register = 0x10),
Regulator ON
Over-
drive OFF
0
-
144
Over-
drive ON
-
168
Power Scale 1 (VOS[1:0] bits
in PWR_CR register= 0x11),
Regulator ON
Over-
drive OFF
0
-
168
Over-
drive ON
-
180
fPCLK1 Internal APB1 clock frequency
Over-drive OFF
0
-
42
Over-drive ON
0
-
45
fPCLK2 Internal APB2 clock frequency
Over-drive OFF
0
-
84
Over-drive ON
0
-
90
VDD
Standard operating voltage
1.7(2)
-3.6
V
VDDA
(3)(4)
Analog operating voltage
(ADC limited to 1.2 M samples)
Must be the same potential as VDD(5)
1.7(2)
-2.4
Analog operating voltage
(ADC limited to 2.4 M samples)
2.4
-
3.6
VBAT
Backup operating voltage
1.65
-
3.6
V12
Regulator ON: 1.2 V internal
voltage on VCAP_1/VCAP_2 pins
Power Scale 3 ((VOS[1:0] bits in
PWR_CR register = 0x01), 120 MHz
HCLK max frequency
1.08 1.14
1.20
V
Power Scale 2 ((VOS[1:0] bits in
PWR_CR register = 0x10), 144 MHz
HCLK max frequency with over-drive
OFF or 168 MHz with over-drive ON
1.20 1.26
1.32
Power Scale 1 ((VOS[1:0] bits in
PWR_CR register = 0x11), 168 MHz
HCLK max frequency with over-drive
OFF or 180 MHz with over-drive ON
1.26 1.32
1.40
Regulator OFF: 1.2 V external
voltage must be supplied from
external regulator on
VCAP_1/VCAP_2 pins(6)
Max frequency 120 MHz
1.10 1.14
1.20
Max frequency 144 MHz
1.20 1.26
1.32
Max frequency 168 MHz
1.26 1.32
1.38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com