Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F437VG Datasheet(PDF) 14 Page - STMicroelectronics

Part # STM32F437VG
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, crypto, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera&LCD-TFT
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F437VG Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STM32F437VG Datasheet HTML 10Page - STMicroelectronics STM32F437VG Datasheet HTML 11Page - STMicroelectronics STM32F437VG Datasheet HTML 12Page - STMicroelectronics STM32F437VG Datasheet HTML 13Page - STMicroelectronics STM32F437VG Datasheet HTML 14Page - STMicroelectronics STM32F437VG Datasheet HTML 15Page - STMicroelectronics STM32F437VG Datasheet HTML 16Page - STMicroelectronics STM32F437VG Datasheet HTML 17Page - STMicroelectronics STM32F437VG Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 240 page
background image
Description
STM32F437xx and STM32F439xx
14/240
DocID024244 Rev 10
2
Description
The STM32F437xx and STM32F439xx devices are based on the high-performance ARM®
Cortex®-M4 32-bit RISC core operating at a frequency of up to 180 MHz. The Cortex-M4
core features a Floating point unit (FPU) single precision which supports all ARM® single-
precision data-processing instructions and data types. It also implements a full set of DSP
instructions and a memory protection unit (MPU) which enhances application security.
The STM32F437xx and STM32F439xx devices incorporate high-speed embedded
memories (Flash memory up to 2 Mbyte, up to 256 kbytes of SRAM), up to 4 Kbytes of
backup SRAM, and an extensive range of enhanced I/Os and peripherals connected to two
APB buses, two AHB buses and a 32-bit multi-AHB bus matrix.
All devices offer three 12-bit ADCs, two DACs, a low-power RTC, twelve general-purpose
16-bit timers including two PWM timers for motor control, two general-purpose 32-bit timers,
a true random number generator (RNG) and a cryptographic acceleration cell. They also
feature standard and advanced communication interfaces.
•
Up to three I2Cs
•
Six SPIs, two I2Ss full duplex. To achieve audio class accuracy, the I2S peripherals can
be clocked via a dedicated internal audio PLL or via an external clock to allow
synchronization.
•
Four USARTs plus four UARTs
•
An USB OTG full-speed and a USB OTG high-speed with full-speed capability (with the
ULPI),
•
Two CANs
•
One SAI serial audio interface
•
An SDIO/MMC interface
•
Ethernet and camera interface
•
LCD-TFT display controller
•
Chrom-ART Accelerator™.
Advanced peripherals include an SDIO, a flexible memory control (FMC) interface, a
camera interface for CMOS sensors and a cryptographic acceleration cell. Refer to Table 2:
STM32F437xx and STM32F439xx features and peripheral counts for the list of peripherals
available on each part number.
The STM32F437xx and STM32F439xx devices operates in the –40 to +105 °C temperature
range from a 1.7 to 3.6 V power supply.
The supply voltage can drop to 1.7 V with the use of an external power supply supervisor
(refer to Section 3.17.2: Internal reset OFF). A comprehensive set of power-saving mode
allows the design of low-power applications.
The STM32F437xx and STM32F439xx devices offer devices in 8 packages ranging from
100 pins to 216 pins. The set of included peripherals changes with the device chosen.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com