Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F437VG Datasheet(PDF) 236 Page - STMicroelectronics

Part # STM32F437VG
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, crypto, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera&LCD-TFT
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F437VG Datasheet(HTML) 236 Page - STMicroelectronics

Back Button STM32F437VG Datasheet HTML 232Page - STMicroelectronics STM32F437VG Datasheet HTML 233Page - STMicroelectronics STM32F437VG Datasheet HTML 234Page - STMicroelectronics STM32F437VG Datasheet HTML 235Page - STMicroelectronics STM32F437VG Datasheet HTML 236Page - STMicroelectronics STM32F437VG Datasheet HTML 237Page - STMicroelectronics STM32F437VG Datasheet HTML 238Page - STMicroelectronics STM32F437VG Datasheet HTML 239Page - STMicroelectronics STM32F437VG Datasheet HTML 240Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 236 / 240 page
background image
Revision history
STM32F437xx and STM32F439xx
236/240
DocID024244 Rev 10
24-Apr-2014
5
Changed SVGA (800x600) into XGA1024x768) on cover page and in
Section 3.10: LCD-TFT controller (available only on STM32F439xx).
Added DCMI_VSYNC alternate function on PG9 and updated note 6.
in Table 10: STM32F437xx and STM32F439xx pin and ball definitions
and Table 12: STM32F437xx and STM32F439xx alternate function
mapping. Added note 2.belowFigure 16: STM32F43x UFBGA169
ballout.
Updated Section 3.18.2: Regulator OFF.
Updated signal corresponding to pin L5 in Figure 12: STM32F43x
WLCSP143 ballout.
Updated Table 53: ESD absolute maximum ratings.
Updated VIH in Table 56: I/O static characteristics. Added condition
VDD>1.7 V in Table 58: I/O AC characteristics.
Removed notes 3 and 4 in Table 62: SPI dynamic characteristics.
Added ACCHSE in Table 39: HSE 4-26 MHz oscillator characteristics
and ACCLSE in Table 40: LSE oscillator characteristics (fLSE = 32.768
kHz).
Removed note 3 in Table 80: Temperature sensor characteristics.
Added Figure 82: LQFP100 marking example (package top view),
Figure 85: WLCSP143 marking example (package top view),
Figure 88: LQFP144 marking example (package top view), Figure 91:
LQFP176 marking (package top view), Figure 94: LQFP208 marking
example (package top view), Figure 97: UFBGA169 marking example
(package top view) and Figure 100: UFBGA176+25 marking example
(package top view).
Added Appendix A: Recommendations when using internal reset OFF
and removed Internal reset OFF hardware connection appendix.
Table 124. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com