Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F446XC Datasheet(PDF) 90 Page - STMicroelectronics

Part # STM32F446XC
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 512kB Flash/1284KB RAM, USB OTG HS/FS, 17 TIMs, 3 ADCs, 20 comm. interfaces
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F446XC Datasheet(HTML) 90 Page - STMicroelectronics

Back Button STM32F446XC Datasheet HTML 86Page - STMicroelectronics STM32F446XC Datasheet HTML 87Page - STMicroelectronics STM32F446XC Datasheet HTML 88Page - STMicroelectronics STM32F446XC Datasheet HTML 89Page - STMicroelectronics STM32F446XC Datasheet HTML 90Page - STMicroelectronics STM32F446XC Datasheet HTML 91Page - STMicroelectronics STM32F446XC Datasheet HTML 92Page - STMicroelectronics STM32F446XC Datasheet HTML 93Page - STMicroelectronics STM32F446XC Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 202 page
background image
Electrical characteristics
STM32F446xC/E
90/202
DocID027107 Rev 6
Table 28. Typical and maximum current consumptions in Standby mode
Symbol
Parameter
Conditions
Typ(1)
Max(2)
Unit
TA = 25 °C
TA =
25 °C
TA =
85 °C
TA =
105 °C
VDD =
1.7 V
VDD=
2.4 V
VDD =
3.3 V
VDD = 3.3 V
IDD_STBY
Supply
current in
Standby mode
Backup SRAM ON, and LSE
oscillator in low power mode
2.43
3.44
4.12
7
20
36
µA
Backup SRAM OFF, RTC ON
and LSE oscillator in low
power mode
1.81
2.81
3.33
6
17
31
Backup SRAM ON, RTC ON
and LSE oscillator in high
drive mode
3.32
4.33
4.95
8
21
37
Backup SRAM OFF, RTC ON
and LSE oscillator in high
drive mode
2.57
3.59
4.16
7
18
32
Backup SRAM ON, RTC and
LSE OFF
2.03
2.73
3.5
6(3)
19
35(3)
Backup SRAM OFF, RTC
and LSE OFF
1.28
1.97
2.03
5(3)
16
30(3)
1. When the PDR is OFF (internal reset is OFF), the typical current consumption is reduced by 1.2 µA.
2. Guaranteed based on test during characterization unless otherwise specified.
3. Tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com