Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F446XC Datasheet(PDF) 98 Page - STMicroelectronics

Part # STM32F446XC
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 512kB Flash/1284KB RAM, USB OTG HS/FS, 17 TIMs, 3 ADCs, 20 comm. interfaces
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F446XC Datasheet(HTML) 98 Page - STMicroelectronics

Back Button STM32F446XC Datasheet HTML 94Page - STMicroelectronics STM32F446XC Datasheet HTML 95Page - STMicroelectronics STM32F446XC Datasheet HTML 96Page - STMicroelectronics STM32F446XC Datasheet HTML 97Page - STMicroelectronics STM32F446XC Datasheet HTML 98Page - STMicroelectronics STM32F446XC Datasheet HTML 99Page - STMicroelectronics STM32F446XC Datasheet HTML 100Page - STMicroelectronics STM32F446XC Datasheet HTML 101Page - STMicroelectronics STM32F446XC Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 202 page
background image
Electrical characteristics
STM32F446xC/E
98/202
DocID027107 Rev 6
On-chip peripheral current consumption
The MCU is placed under the following conditions:
•
At startup, all I/O pins are in analog input configuration.
•
All peripherals are disabled unless otherwise mentioned.
•
HCLK is the system clock. fPCLK1 = fHCLK/4, and fPCLK2 = fHCLK/2.
The given value is calculated by measuring the difference of current consumption
–
with all peripherals clocked off
–
with only one peripheral clocked on
–fHCLK = 180 MHz (Scale1 + over-drive ON), fHCLK = 144 MHz (Scale 2),
fHCLK = 120 MHz (Scale 3)"
•
Ambient operating temperature is 25 °C and VDD=3.3 V.
IDDIO
I/O switching
Current
VDD = 3.3 V
CEXT = 10 pF
C = CINT + CEXT
+ CS
2 MHz
0.18
mA
8 MHz
0.67
25 MHz
2.09
50 MHz
3.6
60 MHz
4.5
84 MHz
7.8
90 MHz
9.8
VDD = 3.3 V
CEXT = 22 pF
C = CINT + CEXT
+ CS
2 MHz
0.26
8 MHz
1.01
25 MHz
3.14
50 MHz
6.39
60 MHz
10.68
VDD = 3.3 V
CEXT = 33 pF
C = CINT + Cext
+ CS
2 MHz
0.33
8 MHz
1.29
25 MHz
4.23
50 MHz
11.02
1. CS is the PCB board capacitance including the pad pin. CS = 7 pF (estimated value).
2. This test is performed by cutting the LQFP144 package pin (pad removal).
Table 34. Switching output I/O current consumption(1) (continued)
Symbol
Parameter
Conditions
I/O toggling
frequency
(fsw)
Typ
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com