| Electronic Components Datasheet Search |
|
STM32L071VB Datasheet(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L071VB Datasheet(HTML) 40 Page - STMicroelectronics |
|
40 / 136 page ![]() Pin descriptions STM32L071xx 40/136 DocID027101 Rev 3 -- - 11 - - 18 K2 PC3 I/O FT - LPTIM1_ETR, SPI2_MOSI/I2S2_SD ADC_IN13 - 4 8 12 F1 - 19 J1 VSSA S - - - - - --- - 20 K1 VREF- S - - - - - - - G1 E6 21 L1 VREF+ S - - - 5 5 9 13 H1 F7 22 M1 VDDA S - - - 6 6 10 14 G2 E5 23 L2 PA0 I/O TTa - TIM2_CH1, USART2_CTS, TIM2_ETR, USART4_TX, COMP1_OUT COMP1_INM, ADC_IN0, RTC_TAMP2/WKUP1 7 7 11 15 H2 E4 24 M2 PA1 I/O FT - EVENTOUT, TIM2_CH2, USART2_RTS_DE, TIM21_ETR, USART4_RX COMP1_INP, ADC_IN1 8 8 12 16 F3 F6 25 K3 PA2 I/O FT - TIM21_CH1, TIM2_CH3, USART2_TX, LPUART1_TX, COMP2_OUT COMP2_INM, ADC_IN2 9 9 13 17 G3 G7 26 L3 PA3 I/O FT - TIM21_CH2, TIM2_CH4, USART2_RX, LPUART1_RX COMP2_INP, ADC_IN3 - - - 18 C2 - 27 D3 VSS S - - - - -- - 19 D2 - 28 H3 VDD S - - - - 10 10 14 20 H3 F5 29 M3 PA4 I/O TC - SPI1_NSS, USART2_CK, TIM22_ETR COMP1_INM, COMP2_INM, ADC_IN4 11 11 15 21 F4 G6 30 K4 PA5 I/O TC - SPI1_SCK, TIM2_ETR, TIM2_CH1 COMP1_INM, COMP2_INM, ADC_IN5 Table 15. STM32L071xxx pin definition (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |