Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L071VB Datasheet(PDF) 41 Page - STMicroelectronics

Part # STM32L071VB
Description  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, ADC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L071VB Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STM32L071VB Datasheet HTML 37Page - STMicroelectronics STM32L071VB Datasheet HTML 38Page - STMicroelectronics STM32L071VB Datasheet HTML 39Page - STMicroelectronics STM32L071VB Datasheet HTML 40Page - STMicroelectronics STM32L071VB Datasheet HTML 41Page - STMicroelectronics STM32L071VB Datasheet HTML 42Page - STMicroelectronics STM32L071VB Datasheet HTML 43Page - STMicroelectronics STM32L071VB Datasheet HTML 44Page - STMicroelectronics STM32L071VB Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 136 page
background image
DocID027101 Rev 3
41/136
STM32L071xx
Pin descriptions
51
12 12 16
22 G4 G5 31
L4
PA6
I/O FT
-
SPI1_MISO,
TIM3_CH1,
LPUART1_CTS,
TIM22_CH1,
EVENTOUT,
COMP1_OUT
ADC_IN6
13 13 17
23 H4 F4 32 M4
PA7
I/O FT
-
SPI1_MOSI,
TIM3_CH2,
TIM22_CH2,
EVENTOUT,
COMP2_OUT
ADC_IN7
-
-
-
24 H5
-
33
K5
PC4
I/O FT
-
EVENTOUT,
LPUART1_TX
ADC_IN14
-
-
-
25 H6
-
34
L5
PC5
I/O FT
-
LPUART1_RX
ADC_IN15
14 14 18
26
F5 G4 35 M5
PB0
I/O FT
-
EVENTOUT, TIM3_CH3
ADC_IN8,
VREF_OUT
15 15 19
27 G5 D3 36 M6
PB1
I/O FT
-
TIM3_CH4,
LPUART1_RTS_DE
ADC_IN9,
VREF_OUT
-
-
20
28 G6 E3 37
L6
PB2
I/O FT
-
LPTIM1_OUT,
I2C3_SMBA
-
-
-
---
-
38 M7
PE7
I/O FT
-
USART5_CK/USART5_
RTS_DE
-
-
-
-
-
-
-
39
L7
PE8
I/O FT
-
USART4_TX
-
-
-
---
-
40 M8
PE9
I/O FT
-
TIM2_CH1, TIM2_ETR,
USART4_RX
-
-
-
---
-
41
L8
PE10
I/O FT
-
TIM2_CH2,
USART5_TX
-
-
-
---
-
42 M9
PE11
I/O FT
-
TIM2_CH3,
USART5_RX
-
-
-
-
-
-
-
43
L9
PE12
I/O FT
-
TIM2_CH4, SPI1_NSS
-
-
-
---
-
44 M10
PE13
I/O FT
-
SPI1_SCK
-
-
-
-
-
-
-
45 M11
PE14
I/O FT
-
SPI1_MISO
-
-
-
-
-
-
-
46 M12
PE15
I/O FT
-
SPI1_MOSI
-
Table 15. STM32L071xxx pin definition (continued)
Pin number
Pin name
(function after
reset)
Alternate functions Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More