Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB5742-/2G Datasheet(PDF) 37 Page - Microchip Technology

Part # USB5742-/2G
Description  2-Port SS/HS USB Controller Hub
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5742-/2G Datasheet(HTML) 37 Page - Microchip Technology

Back Button USB5742-/2G Datasheet HTML 33Page - Microchip Technology USB5742-/2G Datasheet HTML 34Page - Microchip Technology USB5742-/2G Datasheet HTML 35Page - Microchip Technology USB5742-/2G Datasheet HTML 36Page - Microchip Technology USB5742-/2G Datasheet HTML 37Page - Microchip Technology USB5742-/2G Datasheet HTML 38Page - Microchip Technology USB5742-/2G Datasheet HTML 39Page - Microchip Technology USB5742-/2G Datasheet HTML 40Page - Microchip Technology USB5742-/2G Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 46 page
background image
 2015-2016 Microchip Technology Inc.
DS00002016B-page 37
USB5742
Note 7:
0 °C for commercial version, -40 °C for industrial version.
Note 8:
+70 °C for commercial version, +85 °C for industrial version.
Note 9:
This number includes the pad, the bond wire and the lead frame. PCB capacitance is not included in this
value. The XTALI/CLK_IN pin, XTALO pin and PCB capacitance values are required to accurately calcu-
late the value of the two external load capacitors. These two external load capacitors determine the accu-
racy of the 25.000 MHz frequency.
9.7.2
EXTERNAL REFERENCE CLOCK (CLK_IN)
When using an external reference clock, the following input clock specifications are suggested:
•25 MHz
• 50% duty cycle ±10%, ±100 ppm
• Jitter < 100 ps RMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com