Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB5742-/2G Datasheet(PDF) 15 Page - Microchip Technology

Part # USB5742-/2G
Description  2-Port SS/HS USB Controller Hub
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5742-/2G Datasheet(HTML) 15 Page - Microchip Technology

Back Button USB5742-/2G Datasheet HTML 11Page - Microchip Technology USB5742-/2G Datasheet HTML 12Page - Microchip Technology USB5742-/2G Datasheet HTML 13Page - Microchip Technology USB5742-/2G Datasheet HTML 14Page - Microchip Technology USB5742-/2G Datasheet HTML 15Page - Microchip Technology USB5742-/2G Datasheet HTML 16Page - Microchip Technology USB5742-/2G Datasheet HTML 17Page - Microchip Technology USB5742-/2G Datasheet HTML 18Page - Microchip Technology USB5742-/2G Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 46 page
background image
 2015-2016 Microchip Technology Inc.
DS00002016B-page 15
USB5742
3.4
Configuration Straps and Programmable Functions
Configuration straps are multi-function pins that are used during Power-On Reset (POR) or external chip reset
(RESET_N) to determine the default configuration of a particular feature. The state of the signal is latched following de-
assertion of the reset. Configuration straps are identified by an underlined symbol name. This section details the various
device configuration straps and associated programmable pin functions.
3.4.1
SPI/SMBUS CONFIGURATION
The SPI/SMBus pins can be configured into one of two functional modes:
• SPI Mode
• SMBus Slave Mode
If 10 k
 pull-up resistors are detected on SPI_DO and SPI_CLK, the SPI/SMBus pins are configured into SMBus Slave
Mode. If no pull-ups or pull-downs are detected on SPI_DO and SPI_CLK, the SPI/SMBus pins are first configured into
SPI Mode. The strap settings for these supported modes are detailed in Table 3-9. The individual pin function assign-
ments for each mode are detailed in Table 3-10. For additional device connection information, refer to Section 4.0,
"Device Connections".
Note 4:
In order to use the SPI interface, an SPI ROM containing a valid signature of 2DFU (device firmware
upgrade) beginning at address 0xFFFA must be present. Refer to Section 7.1, "SPI Master Interface" for
additional information.
Note:
The system designer must guarantee that configuration straps meet the timing requirements specified in
Section 9.6.2, "Power-On and Configuration Strap Timing," on page 33 and Section 9.6.3, "Reset and Con-
figuration Strap Timing," on page 34. If configuration straps are not at the correct voltage level prior to being
latched, the device may capture incorrect strap values.
TABLE 3-9:
SPI/SMBUS MODE CONFIGURATION SETTINGS
Pin
SPI Mode
(Note 4)
SMBus Slave Mode
39
(SPI_DO)
No pull-up/down
10 k
 pull-up
38
(SPI_CLK)
No pull-up/down
10 k
 pull-up
TABLE 3-10:
SPI/SMBUS MODE PIN ASSIGNMENTS
Pin
SPI Mode
SMBus Slave Mode
41
SPI_CE_N
CFG_NON_REM
40
SPI_DI
CFG_BC_EN
39
SPI_DO
SMDAT
38
SPI_CLK
SMCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com