Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGYA120M65DF2 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STGYA120M65DF2
Description  Trench gate field-stop IGBT, M series 650 V, 120 A low loss
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGYA120M65DF2 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STGYA120M65DF2 Datasheet HTML 8Page - STMicroelectronics STGYA120M65DF2 Datasheet HTML 9Page - STMicroelectronics STGYA120M65DF2 Datasheet HTML 10Page - STMicroelectronics STGYA120M65DF2 Datasheet HTML 11Page - STMicroelectronics STGYA120M65DF2 Datasheet HTML 12Page - STMicroelectronics STGYA120M65DF2 Datasheet HTML 13Page - STMicroelectronics STGYA120M65DF2 Datasheet HTML 14Page - STMicroelectronics STGYA120M65DF2 Datasheet HTML 15Page - STMicroelectronics STGYA120M65DF2 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Package information
STGYA120M65DF2
14/16
DocID029193 Rev 4
Table 8: Max247 long leads package mechanical data
Dim.
mm
Min.
Typ.
Max.
A
4.90
5.00
5.10
A1
2.31
2.41
2.51
A2
1.90
2.00
2.10
a
0
0.15
a'
0
0.15
b
1.16
1.26
b1
1.15
1.20
1.22
b2
1.96
2.06
b3
1.95
2.00
2.02
b4
2.96
3.06
b5
2.95
3.00
3.02
b6
2.25
b7
3.25
c
0.59
0.66
c1
0.58
0.60
0.62
D
20.90
21.00
21.10
D1
16.25
16.55
16.85
D2
1.05
1.17
1.35
D3
0.75
1.00
1.25
E
15.70
15.80
15.90
E1
13.10
13.26
13.50
E3
1.35
1.45
1.55
e
5.34
5.44
5.54
L
19.80
19.92
20.10
L1
4.30
M
0.70
1.30
P
2.40
2.50
2.60
R
1.90
2.00
2.10
T
9.80
10.20
U
6.00
6.40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com