Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGYA120M65DF2 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STGYA120M65DF2
Description  Trench gate field-stop IGBT, M series 650 V, 120 A low loss
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGYA120M65DF2 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STGYA120M65DF2 Datasheet HTML 8Page - STMicroelectronics STGYA120M65DF2 Datasheet HTML 9Page - STMicroelectronics STGYA120M65DF2 Datasheet HTML 10Page - STMicroelectronics STGYA120M65DF2 Datasheet HTML 11Page - STMicroelectronics STGYA120M65DF2 Datasheet HTML 12Page - STMicroelectronics STGYA120M65DF2 Datasheet HTML 13Page - STMicroelectronics STGYA120M65DF2 Datasheet HTML 14Page - STMicroelectronics STGYA120M65DF2 Datasheet HTML 15Page - STMicroelectronics STGYA120M65DF2 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
STGYA120M65DF2
Revision history
DocID029193 Rev 4
15/16
5
Revision history
Table 9: Document revision history
Date
Revision
Changes
06-Apr-2016
1
First release.
10-May-2016
2
Document status promoted to production data.
Added Section 2.1: "Electrical characteristics (curves)"
15-Jun-2016
3
Updated Figure 1: "Internal schematic diagram" and Table 2:
"Absolute maximum ratings".
Updated Section 2.1: "Electrical characteristics (curves)".
Minor text changes.
12-Aug-2016
4
Updated Table 7: "Diode switching characteristics (inductive load)"
and Figure 25: Reverse recovery charge vs. diode current slope
”.
Minor text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com