Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F301C6 Datasheet(PDF) 62 Page - STMicroelectronics

Part # STM32F301C6
Description  ARM Cortex-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 ??3.6 V
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F301C6 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STM32F301C6 Datasheet HTML 58Page - STMicroelectronics STM32F301C6 Datasheet HTML 59Page - STMicroelectronics STM32F301C6 Datasheet HTML 60Page - STMicroelectronics STM32F301C6 Datasheet HTML 61Page - STMicroelectronics STM32F301C6 Datasheet HTML 62Page - STMicroelectronics STM32F301C6 Datasheet HTML 63Page - STMicroelectronics STM32F301C6 Datasheet HTML 64Page - STMicroelectronics STM32F301C6 Datasheet HTML 65Page - STMicroelectronics STM32F301C6 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 135 page
background image
Electrical characteristics
STM32F301x6 STM32F301x8
62/135
DocID025146 Rev 6
IDD
Supply
current in
Run mode,
executing
from RAM
External
clock (HSE
bypass)
72 MHz 45.8 49.1(2) 50.1
51.4(2) 25.1 27.3(2)
28.0
28.6(2)
mA
64 MHz 40.8
43.6
44.9
46.9
22.3
24.1
25.0
25.5
48 MHz 30.2
32.9
33.5
34.8
17.0
18.7
19.1
19.6
32 MHz 20.5
23.1
24.1
25.4
11.1
12.2
13.2
13.3
24 MHz 15.4
17.1
18.3
19.5
8.5
9.7
10.1
10.2
8 MHz
5.0
5.9
6.3
6.9
3.1
3.7
4.1
4.7
1 MHz
0.8
1.1
1.9
2.6
0.5
0.8
1.2
1.4
Internal
clock (HSI)
64 MHz 37.3
41.1
41.8
43.3
22.0
23.8
24.4
24.9
48 MHz 28.0
31.1
31.6
33.2
16.4
18.0
18.3
18.6
32 MHz 18.8
21.3
22.1
23.1
10.9
11.9
12.8
13.1
24 MHz 14.2
15.9
16.8
17.9
5.5
6.4
6.7
7.3
8 MHz
4.8
5.1
6.0
6.5
2.9
3.5
4.1
4.2
IDD
Supply
current in
Sleep
mode,
executing
from Flash
or RAM
External
clock (HSE
bypass)
72 MHz 30.0 32.8(2) 33.1
34.1(2)
5.9
6.8(2)
6.9
7.4(2)
64 MHz 26.7
29.2
29.6
30.5
5.3
5.9
6.2
6.7
48 MHz 16.7
18.5
19.0
19.7
3.6
4.5
4.5
5.3
32 MHz 13.3
14.9
15.3
15.4
2.9
3.7
3.8
4.3
24 MHz 10.2
11.4
12.0
12.3
2.2
2.7
2.9
3.2
8 MHz
3.6
4.4
4.8
5.3
0.9
1.2
1.5
2.1
1 MHz
0.5
0.8
1.1
1.3
0.1
0.4
0.8
0.8
Internal
clock (HSI)
64 MHz 23.2
25.3
25.6
26.2
5.0
5.7
6.1
6.2
mA
48 MHz 17.5
19.2
19.4
19.9
3.9
4.7
4.8
5.3
32 MHz 11.7
12.9
13.2
13.3
2.6
3.4
3.6
4.2
24 MHz 8.9
10.2
10.6
10.8
1.4
2.1
2.4
2.7
8 MHz
3.4
4.0
4.6
5.1
0.7
1.1
1.4
1.9
1. Guaranteed by characterization results.
2. Data based on characterization results and tested in production with code executing from RAM.
Table 29. Typical and maximum current consumption from VDD supply at VDD = 3.6V (continued)
Symbol Parameter Conditions
fHCLK
All peripherals enabled
All peripherals disabled
Unit
Typ
Max @ TA(1)
Typ
Max @ TA(1)
25 °C 85 °C 105 °C
25 °C 85 °C 105 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com