Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F301C6 Datasheet(PDF) 134 Page - STMicroelectronics

Part # STM32F301C6
Description  ARM Cortex-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 ??3.6 V
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F301C6 Datasheet(HTML) 134 Page - STMicroelectronics

Back Button STM32F301C6 Datasheet HTML 127Page - STMicroelectronics STM32F301C6 Datasheet HTML 128Page - STMicroelectronics STM32F301C6 Datasheet HTML 129Page - STMicroelectronics STM32F301C6 Datasheet HTML 130Page - STMicroelectronics STM32F301C6 Datasheet HTML 131Page - STMicroelectronics STM32F301C6 Datasheet HTML 132Page - STMicroelectronics STM32F301C6 Datasheet HTML 133Page - STMicroelectronics STM32F301C6 Datasheet HTML 134Page - STMicroelectronics STM32F301C6 Datasheet HTML 135Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 134 / 135 page
background image
Revision history
STM32F301x6 STM32F301x8
134/135
DocID025146 Rev 6
04-Jun-2015
5
Updated:
– AF9 value for PA1, PA3 and PA9 in Table 14: Alternate functions
for Port A,
– the structure of Section 7: Package information.
22-Jul-2016
6
Updated notes on:
– All document tables by removing the “not tested in production”
specification.
– Table 13: STM32F301x6/8 pin definitions.
– Table 20: Voltage characteristics.
– Table 70: Comparator characteristics.
– Figure 4: STM32F301x6/8 UFQFN32 pinout.
– Figure 5: STM32F301x6/8 LQFP48 pinout.
– Figure 6: STM32F301x6/8 LQFP64 pinout.
– Figure 7: STM32F301x6/8 WLCSP49 ballout.
– Figure 24: Recommended NRST pin protection.
– Figure 45: UFQFPN32 - 32-pin, 5x5 mm, 0.5 mm pitch ultra thin
fine pitch quad flat package outline.
Updated tables:
– Updated VREFINT line on Table 27: Embedded internal reference
voltage.
– Updated “Conditions” column on Table 43: LSE oscillator
characteristics (fLSE = 32.768 kHz).
– Added CMIR and tSTAB lines on Table 64: ADC characteristics.
– Updated RLOAD line on Table 69: DAC characteristics.
– Updated VOHSAT and VOLSAT lines on Table 71: Operational
amplifier characteristics.
Updated figures:
– Figure 2: Clock tree.
– Figure 7: STM32F301x6/8 WLCSP49 ballout.
– Figure 21: Five volt tolerant (FT and FTf) I/O input characteristics
- CMOS port.
– Figure 24: Recommended NRST pin protection.
Added:
– Table 39: Wakeup time using USART
Updated name of Section 8: Ordering information
Table 82. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com