Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2984 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2984
Description  Microprocessor Power Supply System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2984 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2984 Datasheet HTML 1Page - National Semiconductor (TI) LM2984 Datasheet HTML 2Page - National Semiconductor (TI) LM2984 Datasheet HTML 3Page - National Semiconductor (TI) LM2984 Datasheet HTML 4Page - National Semiconductor (TI) LM2984 Datasheet HTML 5Page - National Semiconductor (TI) LM2984 Datasheet HTML 6Page - National Semiconductor (TI) LM2984 Datasheet HTML 7Page - National Semiconductor (TI) LM2984 Datasheet HTML 8Page - National Semiconductor (TI) LM2984 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Electrical Characteristics
V
IN = 14V, COUT = 10 µF, Cbuf = 10 µF, Cstby = 10 µF, unless otherwise indicated. Boldface type refers to limits over the en-
tire operating temperature range, −40˚C
≤ T
A ≤ +125˚C, all other limits are for TA = Tj = 25˚C (Note 8) .
Parameter
Conditions
Typical
Limit
Units
(Note 4)
Tracking and Isolation
Tracking
I
OUT ≤ 500 mA, Ibuf = 5 mA,
±30
±100/±100
mV
max
V
OUT–Vstby
I
stby ≤ 7.5 mA
Tracking
I
OUT = 5 mA, Ibuf ≤ 100 mA,
±30
±100/±100
mV
max
V
buf–Vstby
I
stby ≤ 7.5 mA
Tracking
I
OUT ≤ 500 mA, Ibuf ≤ 100 mA,
±30
±100/±100
mV
max
V
OUT–Vbuf
I
stby = 1mA
Isolation (Note 1)
R
OUT = 1Ω,Ibuf ≤ 100 mA
5.00
4.50/4.50
V
min
V
buf from VOUT
5.50/5.50
V
max
Isolation (Note 1)
R
OUT = 1Ω,Istby ≤ 7.5 mA
5.00
4.50/4.50
V
min
V
stby from VOUT
5.50/5.50
V
max
Isolation (Note 1)
R
buf = 1Ω,IOUT ≤ 500 mA
5.00
4.50/4.50
V
min
V
OUT from Vbuf
5.50/5.50
V
max
Isolation (Note 1)
R
buf = 1Ω,Istby ≤ 7.5 mA
5.00
4.50/4.50
V
min
V
stby from Vbuf
5.50/5.50
V
max
Note 1: Isolation refers to the ability of the specified output to remain within the tested limits when the other output is shorted to ground.
Electrical Characteristics
V
IN = 14V, IOUT = 5 mA, Ibuf = 5 mA, Istby = 5 mA, Rt = 130 kΩ,Ct = 0.33 µF, Cmon = 0.47 µF, unless otherwise indicated,
Boldface type refers to limits over the entire operating temperature range, −40˚C
≤ T
A ≤ +125˚C, all other limits are for TA = TJ
= 25˚C (Note 8)
Parameter
Conditions
Typical
Limit
Units
(Note 4)
Computer Monitor/Reset Functions
I
reset Low
V
IN = 4V, Vrst = 0.4V
5
2/0.50
mA
min
V
reset Low
V
IN = 4V, Irst = 1 mA
0.10
0.40/0.40
V
max
R
t voltage
(Pin 2)
1.22
1.15/0.75
V
min
1.22
1.30/2.00
V
max
Power On Reset
VµP
mon = 5V
50
45/17.0
ms
min
Delay
(T
dly = 1.2 Rt Ct)
50
55/80.0
ms
max
∆V
OUT Low
(Note 6)
−350
−225/−175
mV
min
Reset Threshold
−500/−550
mV
max
∆V
OUT High
(Note 6)
600
225/175
mV
min
Reset Threshold
750/800
mV
max
Reset Output
VµP
mon = 5V, Vrst = 12V
0.01
1/5.0
µA
max
Leakage
µP
mon Input Current (Pin 4)
VµP
mon = 2.4V
7.5
25/25
µA
max
VµP
mon = 0.4V
0.01
10/15
µA
max
µP
mon Input
1.22
0.80/0.80
V
min
Threshold Voltage
1.22
2.00/2.00
V
max
µP Monitor Reset
VµP
mon = 0V
50
45/30
ms
min
Oscillator Period
(T
window = 0.82 RtCmon)
50
55/70
ms
max
µP Monitor Reset
VµP
mon = 0V
1.0
0.7/0.4
ms
min
Oscillator Pulse Width
(RESET
pw = 2000 Cmon)
1.0
1.3/2.10
ms
max
Minimum µP Monitor
(Note 7)
2
µs
Input Pulse Width
Reset Fall Time
R
rst = 10k, Vrst = 5V, Crst ≤ 10 pF
0.20
1.00/1.00
µs
max
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com