Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2984 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2984
Description  Microprocessor Power Supply System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2984 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2984 Datasheet HTML 1Page - National Semiconductor (TI) LM2984 Datasheet HTML 2Page - National Semiconductor (TI) LM2984 Datasheet HTML 3Page - National Semiconductor (TI) LM2984 Datasheet HTML 4Page - National Semiconductor (TI) LM2984 Datasheet HTML 5Page - National Semiconductor (TI) LM2984 Datasheet HTML 6Page - National Semiconductor (TI) LM2984 Datasheet HTML 7Page - National Semiconductor (TI) LM2984 Datasheet HTML 8Page - National Semiconductor (TI) LM2984 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LM2984
Microprocessor Power Supply System
General Description
The LM2984 positive voltage regulator features three inde-
pendent and tracking outputs capable of delivering the
power for logic circuits, peripheral sensors and standby
memory in a typical microprocessor system. The LM2984 in-
cludes circuitry which monitors both its own high-current out-
put and also an external µP. If any error conditions are
sensed in either, a reset error flag is set and maintained until
the malfunction terminates. Since these functions are in-
cluded in the same package with the three regulators, a
great saving in board space can be realized in the typical mi-
croprocessor system. The LM2984 also features very low
dropout voltages on each of its three regulator outputs (0.6V
at the rated output current). Furthermore, the quiescent cur-
rent can be reduced to 1 mA in the standby mode.
Designed also for vehicular applications, the LM2984 and all
regulated circuitry are protected from reverse battery instal-
lations or 2-battery jumps. Familiar regulator features such
as short circuit and thermal overload protection are also pro-
vided. Fixed outputs of 5V are available in the plastic TO-220
power package.
Features
n
Three low dropout tracking regulators
n
Output current in excess of 500 mA
n
Fully specified for −40˚C to +125˚C operation
n
Low quiescent current standby regulator
n
Microprocessor malfunction RESET flag
n
Delayed RESET on power-up
n
Accurate pretrimmed 5V outputs
n
Reverse battery protection
n
Overvoltage protection
n
Reverse transient protection
n
Short circuit protection
n
Internal thermal overload protection
n
ON/OFF switch for high current outputs
n
P
+ Product Enhancement tested
Typical Application Circuit
DS011252-1
COUT must be at least 10 µF to maintain stability. May be increased without bound to maintain regulation during transients. Locate as close as possible to
the regulator. This capacitor must be rated over the same operating temperature range as the regulator. The equivalent series resistance (ESR) of this
capacitor is critical; see curve.
Order Number LM2984T
See NS Package Number TA11B
April 1998
© 1998 National Semiconductor Corporation
DS011252
www.national.com


Similar Part No. - LM2984

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2984C NSC-LM2984C Datasheet
284Kb / 14P
LM2984C Microprocessor Power Supply System
logo
Texas Instruments
LM2984C TI-LM2984C Datasheet
275Kb / 16P
LM2984C Microprocessor Power Supply System
logo
National Semiconductor ...
LM2984CT NSC-LM2984CT Datasheet
284Kb / 14P
LM2984C Microprocessor Power Supply System
logo
Texas Instruments
LM2984CT/NOPB TI-LM2984CT/NOPB Datasheet
275Kb / 16P
LM2984C Microprocessor Power Supply System
LM2984C TI-LM2984C_15 Datasheet
275Kb / 16P
LM2984C Microprocessor Power Supply System
More results

Similar Description - LM2984

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TCA5600 MOTOROLA-TCA5600 Datasheet
206Kb / 12P
UNIVERSAL MICROPROCESSOR POWER SUPPLY/CONTROLLERS
logo
National Semiconductor ...
LM2984C NSC-LM2984C Datasheet
284Kb / 14P
LM2984C Microprocessor Power Supply System
logo
Texas Instruments
UCC3830- TI-UCC3830- Datasheet
419Kb / 10P
5-Bit Microprocessor Power Supply Controller
logo
Sanyo Semicon Device
LA5616 SANYO-LA5616 Datasheet
92Kb / 5P
Microprocessor-Controlled Audio Power Supply
logo
Toshiba Semiconductor
TLP719 TOSHIBA-TLP719_07 Datasheet
205Kb / 7P
Microprocessor system interfaces
TLP651 TOSHIBA-TLP651_07 Datasheet
477Kb / 7P
Microprocessor System Interfaces
TLP558 TOSHIBA-TLP558_07 Datasheet
218Kb / 7P
Microprocessor System Interfaces
logo
ON Semiconductor
CAT853MTBI-GT3 ONSEMI-CAT853MTBI-GT3 Datasheet
117Kb / 9P
3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
logo
Texas Instruments
LM2984C TI-LM2984C_15 Datasheet
275Kb / 16P
LM2984C Microprocessor Power Supply System
logo
High Voltage Power Solu...
SPL-I-AC-30N50 HVPSI-SPL-I-AC-30N50 Datasheet
352Kb / 2P
Microprocessor-Controlled Industrial Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com