Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4SD16M16 Datasheet(PDF) 16 Page - Micross Components

Part # AS4SD16M16
Description  LVTTL- compatible inputs and outputs
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS4SD16M16 Datasheet(HTML) 16 Page - Micross Components

Back Button AS4SD16M16 Datasheet HTML 12Page - Micross Components AS4SD16M16 Datasheet HTML 13Page - Micross Components AS4SD16M16 Datasheet HTML 14Page - Micross Components AS4SD16M16 Datasheet HTML 15Page - Micross Components AS4SD16M16 Datasheet HTML 16Page - Micross Components AS4SD16M16 Datasheet HTML 17Page - Micross Components AS4SD16M16 Datasheet HTML 18Page - Micross Components AS4SD16M16 Datasheet HTML 19Page - Micross Components AS4SD16M16 Datasheet HTML 20Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
SDRAM
AS4SD16M16
AS4SD16M16
Rev. 2.6 04/13/15
Micross Components reserves the right to change products or specifications without notice.
16
WRITEs
WRITE bursts are initiated with a WRITE command, as
shown in Figure 13.
The starting column and blank addresses are provided with
the WRITE command, an auto precharge is either enabled or
disabled for that access. If auto precharge is enabled, the row
being accessed is precharged at the completion of the burst.
For the generic WRITE commands used in the following il-
lustrations, auto precharge is disabled.
During WRITE bursts, the first valid data-in element will be
registered coincident with the WRITE command. Subsequent
data elements will be registered on each successive positive
clock edge. Upon completion of a fixed-length burst, assum-
ing no other commands have been initiated, the DQs will be
ignored (see Figure 14). A full-page burst will continue until
terminated. (At the end of the page, it will wrap to the start
address and continue.)
Data for any WRITE burst may be truncated with a
subsequent WRITE command, and data for a fixed-length
WRITE burst may be immediately followed by data for a
WRITE command. The new WRITE command can be issued
on any clock following the previous WRITE command, and the
data provided coincident with the new command applies to the
new command. An example is shown in Figure 15. Data n+1
is either the last of a burst of two or the last desired of a longer
burst. The 256MB SDRAM uses a pipelined architecture and
therefore does not require the 2n rule associated with a prefetch
architecture. AWRITE command can be initiated on any clock
cycle following a previous WRITE command. Full-speed
random write accesses within a page can be performed to the
same bank, as shown in Figure 16, or each subsequent WRITE
may be preformed to a different bank.
FIGURE 13: WRITE Command
FIGURE 14: WRITE Burst
FIGURE 15: WRITE to WRITE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com