Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2984C Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2984C
Description  LM2984C Microprocessor Power Supply System
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2984C Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2984C Datasheet HTML 1Page - National Semiconductor (TI) LM2984C Datasheet HTML 2Page - National Semiconductor (TI) LM2984C Datasheet HTML 3Page - National Semiconductor (TI) LM2984C Datasheet HTML 4Page - National Semiconductor (TI) LM2984C Datasheet HTML 5Page - National Semiconductor (TI) LM2984C Datasheet HTML 6Page - National Semiconductor (TI) LM2984C Datasheet HTML 7Page - National Semiconductor (TI) LM2984C Datasheet HTML 8Page - National Semiconductor (TI) LM2984C Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical Characteristics (Continued)
VIN e 14V Istby e 1 mA Cstby e 10 mF Tj e 25 C (Note 6) unless otherwise indicated
Tested
Design
Parameter
Conditions
Typical
Limit
Limit
Units
(Note 2)
(Note 3)
Vstandby (Continued)
Output Noise Voltage
10 Hz – 100 kHz Istby e 1 mA
100
m
V
Long Term Stability
20
mV1000 hr
Ripple Rejection
fo e 120 Hz
70
60
dBmin
Dropout Voltage
Istby e 1 mA
026
050
050
Vmax
Dropout Voltage
Istby e 75 mA
038
060
070
Vmax
Current Limit
15
12
mAmin
Maximum Operational
45V s Vstby s 6V
45
35
35
Vmin
Input Voltage
Rstby e 1000X
Maximum Line
Vstby s 6V
45
35
35
Vmin
Transient
Rstby e 1000X
Reverse Polarity
Vstby t b06V
b
30
b
15
b
15
Vmin
Input Voltage DC
Rstby e 1000X
Reverse Polarity Input
T s 100 ms Rstby e 1000X
b
55
b
35
b
35
Vmin
Voltage Transient
Electrical Characteristics
VIN e 14V Tj e 25 C (Note 6) COUT e 10 mF Cbuf e 10 mF Cstby e 10 mF unless otherwise specified
Tested
Design
Parameter
Conditions
Typical
Limit
Limit
Units
(Note 2)
(Note 3)
Tracking and Isolation
Tracking
IOUT s 500 mA Ibuf e 5 mA
g
30
g
100
mVmax
VOUT–Vstby
Istby s 75 mA
Tracking
IOUT e 5 mA Ibuf s 100 mA
g
30
g
100
mVmax
Vbuf–Vstby
Istby s 75 mA
Tracking
IOUT s 500 mA Ibuf s 100 mA
g
30
g
100
mVmax
VOUT–Vbuf
Istby e 1mA
Isolation
ROUT e 1X Ibuf s 100 mA
500
450
Vmin
Vbuf from VOUT
550
Vmax
Isolation
ROUT e 1X Istby s 75 mA
500
450
Vmin
Vstby from VOUT
550
Vmax
Isolation
Rbuf e 1X IOUT s 500 mA
500
450
Vmin
VOUT from Vbuf
550
Vmax
Isolation
Rbuf e 1X Istby s 75 mA
500
450
Vmin
Vstby from Vbuf
550
Vmax
Isolation refers to the ability of the specified output to remain within the tested limits when the other output is shorted to ground
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com