Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2984C Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2984C
Description  LM2984C Microprocessor Power Supply System
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2984C Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM2984C Datasheet HTML 6Page - National Semiconductor (TI) LM2984C Datasheet HTML 7Page - National Semiconductor (TI) LM2984C Datasheet HTML 8Page - National Semiconductor (TI) LM2984C Datasheet HTML 9Page - National Semiconductor (TI) LM2984C Datasheet HTML 10Page - National Semiconductor (TI) LM2984C Datasheet HTML 11Page - National Semiconductor (TI) LM2984C Datasheet HTML 12Page - National Semiconductor (TI) LM2984C Datasheet HTML 13Page - National Semiconductor (TI) LM2984C Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Typical Performance Characteristics (Continued)
Output Voltage
TLH8821 – 8
Device Dissipation vs
Ambient Temperature
TLH8821 – 9
Output Capacitor ESR
(Standby Output Pin 9)
TLH8821 – 13
Output Capacitor ESR
(Buffer Output Pin 10)
TLH8821 – 14
Output Capacitor ESR
(Main Output Pin 11)
TLH8821 – 15
Application Hints
OUTPUT CAPACITORS
The LM2984C output capacitors are required for stability
Without them the regulator outputs will oscillate sometimes
by many volts Though the 10 mF shown are the minimum
recommended values actual size and type may vary de-
pending upon the application load and temperature range
Capacitor effective series resistance (ESR) also affects the
IC stability Since ESR varies from one brand to the next
some bench work may be required to determine the mini-
mum capacitor value to use in production Worst case is
usually determined at the minimum ambient temperature
and the maximum load expected
Output capacitors can be increased in size to any desired
value above the minimum One possible purpose of this
would be to maintain the output voltages during brief condi-
tions of negative input transients that might be characteris-
tic of a particular system
Capacitors must also be rated at all ambient temperatures
expected in the system Many aluminum type electrolytics
will freeze at temperatures less than b30 C reducing their
effective capacitance to zero To maintain regulator stability
down to b40 C capacitors rated at that temperature (such
as tantalums) must be used
Each output must be terminated by a capacitor even if it is
not used
STANDBY OUTPUT
The standby output is intended for use in systems requiring
standby memory circuits While the high current regulator
outputs are controlled with the ONOFF pin described later
the standby output remains on under all conditions as long
as sufficient input voltage is supplied to the IC Thus memo-
ry and other circuits powered by this output remain unaffect-
ed by positive line transients thermal shutdown etc
The standby regulator circuit is designed so that the quies-
cent current to the IC is very low (k15 mA) when the other
regulator outputs are off
The capacitor on the output of this regulator can be in-
creased without bound This will help maintain the output
voltage during negative input transients and will also help to
reduce the noise on all three outputs Because the other
two track the standby output therefore any noise reduction
here will also reduce the other two noise voltages
BUFFER OUTPUT
The buffer output is designed to drive peripheral sensor cir-
cuitry in a mP system It will track the standby and main
regulator within a few millivolts in normal operation There-
fore a peripheral sensor can be powered off this supply and
have the same operating voltage as the mP system This is
important if a ratiometric sensor system is being used
The buffer output can be short circuited while the other two
outputs are in normal operation This protects the mP sys-
tem from disruption of power when a sensor wire etc is
temporarily shorted to ground ie only the sensor signal
would be interrupted while the mP and memory circuits
would remain operational
The buffer output is similar to the main output in that it is
controlled by the ONOFF switch in order to save power in
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com