Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5LC1008 Datasheet(PDF) 4 Page - Micross Components

Part # AS5LC1008
Description  RoHS compliant options available
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS5LC1008 Datasheet(HTML) 4 Page - Micross Components

  AS5LC1008 Datasheet HTML 1Page - Micross Components AS5LC1008 Datasheet HTML 2Page - Micross Components AS5LC1008 Datasheet HTML 3Page - Micross Components AS5LC1008 Datasheet HTML 4Page - Micross Components AS5LC1008 Datasheet HTML 5Page - Micross Components AS5LC1008 Datasheet HTML 6Page - Micross Components AS5LC1008 Datasheet HTML 7Page - Micross Components AS5LC1008 Datasheet HTML 8Page - Micross Components AS5LC1008 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SRAM
AS5LC1008
AS5LC1008
Rev. 1.4 10/13
Micross Components reserves the right to change products or specifications without notice.
4
READ CYCLE SWITCHING CHARACTERISTICS1
(-55oC < T
A < +125
o
C or -40oC to +85oC; Vcc = 3.3V +0.3V)
NOTES:
1. Test conditions assume signal transition times of 3ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V and C1 output loading speci-
fied in Figure 1.
2. Tested with the C2 load in Figure 1. Transition is measured ±500 mV from steady-state voltage. Not 100% tested.
AC TEST CONDITIONS
PARAMETER
UNIT
Input Pulse Level
0V to 3.0V
Input Rise and Fall Times
3ns
Input and Output timing and Reference Levels
1.5V
Output Load
See Figures 1 and 2
FIGURE 1
FIGURE 2
AC TEST LOADS
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
Read Cycle Time
tRC
10
---
12
---
15
---
20
---
ns
Address Access Time
tAA
---
10
---
12
---
15
---
20
ns
Output Hold time
tOHA
2
---
2
---
2
---
2
---
ns
CE\ Access Time
tACE
---
10
---
12
---
15
---
20
ns
OE\ Access Time
tDOE
---
5
---
6
---
7
---
8
ns
OE\ to Low-Z Output
tLZOE
2
0
---
0
---
0
---
0
---
ns
OE\ to High-Z Output
tHZOE
2
05060708
ns
CE\ to Low-Z Output
tLZCE
2
2
---
2
---
2
---
2
---
ns
CE\ to High-Z Output
tHZCE
2
05060708
ns
-10
-12
-20
-15
30pF including
jig & scope



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com