Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5LC1008 Datasheet(PDF) 7 Page - Micross Components

Part # AS5LC1008
Description  RoHS compliant options available
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS5LC1008 Datasheet(HTML) 7 Page - Micross Components

Back Button AS5LC1008 Datasheet HTML 3Page - Micross Components AS5LC1008 Datasheet HTML 4Page - Micross Components AS5LC1008 Datasheet HTML 5Page - Micross Components AS5LC1008 Datasheet HTML 6Page - Micross Components AS5LC1008 Datasheet HTML 7Page - Micross Components AS5LC1008 Datasheet HTML 8Page - Micross Components AS5LC1008 Datasheet HTML 9Page - Micross Components AS5LC1008 Datasheet HTML 10Page - Micross Components AS5LC1008 Datasheet HTML 11Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
SRAM
AS5LC1008
AS5LC1008
Rev. 1.4 10/13
Micross Components reserves the right to change products or specifications without notice.
7
WRITE CYCLE SWITCHING CHARACTERISTICS1,3
(-55oC < T
A < +125
o
C or -40oC to +85oC; Vcc = 3.3V +0.3V)
WRITE CYCLE #11,2
(CE\ Controlled, OE\ = HIGH or LOW)
NOTES:
1. Test conditions assume signal transition times of 3ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V and output loading specified
in Figure 1.
2. Tested with the load in Figure 2. Transition is measured ±200 mV from steady-state voltage. Not 100% tested.
3. The internal write time is defined by the overlap of CE\ LOW and WE\ LOW. All signals must be in valid states to initiate a Write, but any one can go
inactive to terminate the Write. The Data Input Setup and Hold timing are referenced to the rising or falling edge of the signal that terminates the Write.
-10
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX UNITS
Write Cycle Time
tWC
10
---
12
---
15
---
20
---
ns
CE\ to Write End
tSCE
7
---
8
---
9
---
10
---
ns
Address Setup Time to Write End
tAW
8
---
9
---
10
---
12
---
ns
Address Hold from Write End
tHA
0
---
0
---
0
---
0
---
ns
Address Setup Time
tSA
0
---
0
---
0
---
0
---
ns
WE\ Pulse Width (OE\ HIGH)
tPWE1
1
7
---
8
---
9
---
10
---
ns
WE\ Pulse Width (OE\ LOW)
tPWE2
2
10
---
12
---
12
---
15
---
ns
Data Setup to Write End
tSD
5
---
6
---
7
---
8
---
ns
Data Hold to Write End
tHD
0
---
0
---
0
---
0
---
ns
WE\ LOW to High-Z Output
tHZWE
2
---
5
---
6
---
7
---
8
ns
WE\ HIGH to Low-Z Output
tLZWE
2
2
---
2
---
2
---
2
---
ns
-20
-12
-15



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com