Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLS203B0 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLS203B0
Description  Linear Voltage Post Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS203B0 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLS203B0 Datasheet HTML 8Page - Infineon Technologies AG TLS203B0 Datasheet HTML 9Page - Infineon Technologies AG TLS203B0 Datasheet HTML 10Page - Infineon Technologies AG TLS203B0 Datasheet HTML 11Page - Infineon Technologies AG TLS203B0 Datasheet HTML 12Page - Infineon Technologies AG TLS203B0 Datasheet HTML 13Page - Infineon Technologies AG TLS203B0 Datasheet HTML 14Page - Infineon Technologies AG TLS203B0 Datasheet HTML 15Page - Infineon Technologies AG TLS203B0 Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
Data Sheet
12
Rev. 1.2, 2015-01-12
TLS203B0
Electrical Characteristics
Quiescent Current
(Off-Mode, EN-pin low)
I
q
–0.1
1
µA
V
I =6V ; VEN =0V ;
T
J =25°C
P_5.0.19
GND Pin Current 5) 7)
GND Pin Current
I
GND
–
50
100
µA
V
I = VQ,nom;
I
Q =1mA
P_5.0.20
GND Pin Current
I
GND
–
300
850
µA
V
I = VQ,nom ;
I
Q =50 mA
P_5.0.21
GND Pin Current
I
GND
–0.7
2.2
mA
V
I = VQ,nom ;
I
Q =100 mA
P_5.0.22
GND Pin Current
I
GND
–4
12
mA
V
I = VQ,nom ;
I
Q =300 mA
P_5.0.23
Enable
Enable Threshold High
V
th,EN
–0.8
2.0
V
V
Q = Off to On
P_5.0.24
Enable Threshold Low
V
tl,EN
0.25
0.65
–
V
V
Q = On to Off
P_5.0.25
EN Pin Current 8)
I
EN
–0.01
–
µA
V
EN =0V; TJ = 25 °C
P_5.0.26
EN Pin Current 8)
I
EN
–1
–
µA
V
EN =20V ; TJ = 25 °C
P_5.0.27
Adjust Pin Bias Current 9) 10)
ADJ Pin Bias Current
I
bias,ADJ
–60
–
nA
T
J = 25 °C
P_5.0.28
Output Voltage Noise 10)
Output Voltage Noise
TLS203B0EJV 11)
TLS203B0LDV 11)
e
no
–41
–
µV
RMS
C
Q =10µF;
C
BYP =10nF;
I
Q =300 mA ;
BW =10Hzto100 kHz
P_5.0.29
Output Voltage Noise
TLS203B0EJV 11)
TLS203B0LDV 11)
e
no
–28
–
µV
RMS
C
Q =10µF
+250mΩ resistor in series;
C
BYP =10nF;
I
Q =300 mA ;
BW =10Hzto100 kHz
P_5.0.30
Output Voltage Noise
TLS203B0EJV 11)
TLS203B0LDV 11)
e
no
–29
–
µV
RMS
C
Q =22µF
C
BYP =10nF;
I
Q =300 mA ;
BW =10Hzto100 kHz
P_5.0.31
Output Voltage Noise
TLS203B0EJV 11)
TLS203B0LDV 11)
e
no
–24
–
µV
RMS
C
Q =22µF
+250mΩ resistor in series;
C
BYP =10nF;
I
Q =300 mA ;
BW =10Hzto100 kHz
P_5.0.32
Output Voltage Noise
TLS203B0EJV33
TLS203B0LDV33
e
no
–45
–
µV
RMS
C
Q =10µF;
C
BYP =10nF;
I
Q =300 mA ;
BW =10Hzto100 kHz
P_5.0.33
Table 4
Electrical Characteristics
(cont’d)
-40 °C <
T
j < 125 °C; all voltages with respect to ground; positive current defined flowing out of pin; unless
otherwise specified.
Parameter
Symbol
Values
Unit
Note / Test Condition
Number
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com