Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLS203B0 Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLS203B0
Description  Linear Voltage Post Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS203B0 Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLS203B0 Datasheet HTML 13Page - Infineon Technologies AG TLS203B0 Datasheet HTML 14Page - Infineon Technologies AG TLS203B0 Datasheet HTML 15Page - Infineon Technologies AG TLS203B0 Datasheet HTML 16Page - Infineon Technologies AG TLS203B0 Datasheet HTML 17Page - Infineon Technologies AG TLS203B0 Datasheet HTML 18Page - Infineon Technologies AG TLS203B0 Datasheet HTML 19Page - Infineon Technologies AG TLS203B0 Datasheet HTML 20Page - Infineon Technologies AG TLS203B0 Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
TLS203B0
Electrical Characteristics
Data Sheet
17
Rev. 1.2, 2015-01-12
GND Pin Current
I
GND versus
Input Voltage
V
I (TLS203B0EJV33)
GND Pin Current
I
GND versus
Input Voltage
V
I (TLS203B0EJV)
GND Pin Current
I
GND versus
Input Voltage
V
I (TLS203B0EJV33)
GND Pin Current
I
GND versus
Input Voltage
V
I (TLS203B0EJV)
0
2
4
6
8
10
0
200
400
600
800
1000
1200
V
I
[V]
[* for V
Q
= 3.3 V]
T
j
= 25
°C
R
Load
= 3.3 k
Ω / I
Q
= 1 mA*
R
Load
= 330
Ω / I
Q
= 10 mA*
R
Load
= 66
Ω / I
Q
= 50 mA*
0
2
4
6
8
10
0
50
100
150
200
250
300
350
400
V
I
[V]
[* for V
Q
= 1.22 V]
T
j
= 25
°C
R
Load
= 1.22 k
Ω / I
Q
= 1 mA*
R
Load
= 122
Ω / I
Q
= 10 mA*
R
Load
= 24.4
Ω / I
Q
= 50 mA*
0
2
4
6
8
10
0
1
2
3
4
5
6
7
8
V
I
[V]
[* for V
Q
= 3.3 V]
T
j
= 25
°C
R
Load
= 33.0
Ω / I
Q
= 100 mA*
R
Load
= 11.0
Ω / I
Q
= 300 mA* .
0
2
4
6
8
10
0
1
2
3
4
5
6
7
8
V
I
[V]
[* for V
Q
= 1.22 V]
T
j
= 25
°C
R
Load
= 12.2
Ω / I
Q
= 100 mA*
R
Load
= 4.07
Ω / I
Q
= 300 mA* .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com