| Electronic Components Datasheet Search |
|
TLE7186F Datasheet(PDF) 12 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE7186F Datasheet(HTML) 12 Page - Infineon Technologies AG |
|
12 / 39 page ![]() Data Sheet 12 Rev. 1.2, 2016-01-28 TLE7186F MOSFET Driver 5 MOSFET Driver 5.1 Inputs and Dead Time There are 6 independent control inputs to control the 6 MOSFETs individually. However, the control inputs for the High Side MOSFETs IHx are inverted. Hence, the control inputs for High Side IHx and Low Side MOSFETs ILx of the same half bridge can be tight together to control one half bridge by one control signal. To avoid shoot through currents within the half bridges, a dead time is provided by the TLE7186F. For more details about the dead time please see Chapter 9.2.10 5.2 Output Stages The 3 low side and 3 high side powerful push-pull output stages of the TLE7186F are all floating blocks. All 6 output stages have the same output power and thanks to the bootstrap principle used, all MOSFETs can be switched up to high frequencies. Each output stage has its own short circuit detection block. For more details about short circuit detection see Chapter 9.2.11.1) Figure 3 Block Diagram of Driver Stages including Short Circuit Detection 1) The high side outputs are not designed to be used for low side MOSFETs; the low side outputs are not designed to be used for high side MOSFETs GHx SHx VDH VSCP + - Level shifter Floating HS driver 3x GLx SL VSCP + - Level shifter Floating LS driver 3x VREG Voltage regulator BHx VREG ___ INH VS Error logic Reset Power On Reset ____ ERR short circuit filter SCD SCD SCD Input Logic Shoot Through Protection Dead Time lock/ unlock ___ IH1 IL1 ___ IH2 IL2 ___ IH3 IL3 ON/ OFF ON/ OFF GND DT Short Circuit Detection Level ____ RGS SCDL VDH VREG blanking |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |