| Electronic Components Datasheet Search |
|
TLE7186F Datasheet(PDF) 24 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE7186F Datasheet(HTML) 24 Page - Infineon Technologies AG |
|
24 / 39 page ![]() Data Sheet 24 Rev. 1.2, 2016-01-28 TLE7186F Description of Modes, Protection and Diagnostic Functions 9 Description of Modes, Protection and Diagnostic Functions 9.1 Description of modes The operation of TLE7186F can be described by different operation modes Figure 10 State diagram TLE7186F Sleep Mode - low quiescent current - all supplies switched off Wake-up Mode - ramp-up of int5V, VREG and VDD Error Mode - latched error is reported - MOSFets switched-off - VREG and VDD on Normal Mode without Error Conditions - no error is reported - driver stages are active Normal Mode with OT-Prewarning - latched error is reported - driver stages are active VREG Shut-down Mode - latched error is reported - MOSFets switched-off -VREG off Deadlock Mode *2) - VREG and VDD off - latched error is reported - MOSFets switched-off - only 5Vint supply is on /INH = High “OR” IFMA= Low Wake-up time expired Reset of error /RGS = Low for t > tsleep VDD <= VDDsleep VDD_UVSD “OR” (VREG_UVSD “AND” OTPW) VREG_UVSD (no OTPW) Reset by /RGS “AND“ OTPW VDD_UVSD “OR” (VREG_UVSD “AND” OTPW) VREG_UVSD (no OTPW) OTPW VDD_UVSD “OR” VREG_UVSD Reset of OTPW error Error condition occures*1) Error condition occures*1) /RGS = Low for t> tsleep Error conditions TLE7184F and used abbreviations: VREG Under Voltage Diagnosis ( VREG_UVD) VDD Under Voltage Diagnosis ( VDD_UVD) Over Current Shut Down( OCSD) VDH Over Voltage Shut Down ( VDH_OVSD) IOV Over Voltage Shut Down ( IOV_OVSD)) Short Circuit Detection ( SCD) SCDL Pin Open Detection ( SCDLPOD) Over Temperature Pre-Warning ( OTPW) Over Temperature Shut Down( OTSD) VDD Under Voltage Shut Down( VDD_UVSD) VREG Under Voltage Shut Down( VREG_UVSD) VS Under Voltage Lockout ( VS_UVLO) *1) Error conditions: VREG_UVD, VDD_UVD, OCSD, VDH_OVSD, IOV_OVSD, SCD, SCDLPOD *2) only way to leave this mode is VS_UVLO VS Under Voltage Lockout ( VS_UVLO) leads from every mode into the Sleep Mode Over Temperature Shut Down( OTSD) leads from every mode except Dead Lock Mode into the Sleep Mode OTPW “OR” VDD_UVSD Go-to-Sleep Mode - VDD andVREG are switched off - latched error is reported |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |