Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS58C1001 Datasheet(PDF) 4 Page - Micross Components

Part # AS58C1001
Description  Low power dissipation, active current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS58C1001 Datasheet(HTML) 4 Page - Micross Components

  AS58C1001 Datasheet HTML 1Page - Micross Components AS58C1001 Datasheet HTML 2Page - Micross Components AS58C1001 Datasheet HTML 3Page - Micross Components AS58C1001 Datasheet HTML 4Page - Micross Components AS58C1001 Datasheet HTML 5Page - Micross Components AS58C1001 Datasheet HTML 6Page - Micross Components AS58C1001 Datasheet HTML 7Page - Micross Components AS58C1001 Datasheet HTML 8Page - Micross Components AS58C1001 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
EEPROM
AS58C1001
AS58C1001
Rev. 5.9 11/10
Micross Components reserves the right to change products or specifications without notice.
4
(EXAMPLE)
Vcc
RES\
*unprogrammable
*unprogrammable
FUNCTIONAL DESCRIPTION (continued)
DATA PROTECTION (continued)
2. Data protection at Vcc on/off.
When RES\ is low, the EEPROM cannot be erased
and
programmed. Therefore, data can be protected by
keeping RES\ low when Vcc is switched. RES\ should be
high during programming because it does not provide a latch
function. When Vcc is turned on or off, noise on the control
pins generated by external circuits (CPU, etc.) may turn the
EEPROM to programming mode by mistake. To prevent this
unintentional programming, the EEPROM must be kept in an
unprogrammable, standby or readout state by using a CPU
reset signal to RES\ pin.
In addition, when RES\ is kept high at Vcc on/off timing,
the input level of control pins (CE\, OE\, WE\) must be held
as CE\=Vcc or OE\=LOW or WE\=Vcc level.
3. Software Data Protection
To protect against unintentional programming caused
by noise generated by external circuits, AS58C1001 has a
Software data protection function. To initate Software data
protection mode, 3 bytes of data must be input, followed by
a dummy write cycle of any address and any data byte. This
exact sequence switches the device into protection mode.
The Software data protection mode can be cancelled by
inputting the following 6 Bytes. This changes the AS58C1001
to the Non-Protection mode, for normal operation.
Address
Data
5555
AA
2AAA
55
5555
80
5555
AA
2AAA
55
5555
20
Write Data
Write Address
(Normal Data Input)
5555
AA
2AAA
55
5555
A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com