Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS58C1001 Datasheet(PDF) 1 Page - Micross Components

Part # AS58C1001
Description  Low power dissipation, active current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS58C1001 Datasheet(HTML) 1 Page - Micross Components

  AS58C1001 Datasheet HTML 1Page - Micross Components AS58C1001 Datasheet HTML 2Page - Micross Components AS58C1001 Datasheet HTML 3Page - Micross Components AS58C1001 Datasheet HTML 4Page - Micross Components AS58C1001 Datasheet HTML 5Page - Micross Components AS58C1001 Datasheet HTML 6Page - Micross Components AS58C1001 Datasheet HTML 7Page - Micross Components AS58C1001 Datasheet HTML 8Page - Micross Components AS58C1001 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
EEPROM
AS58C1001
AS58C1001
Rev. 5.9 11/10
Micross Components reserves the right to change products or specifications without notice.
1
For more products and information
please visit our web site at
www.micross.com
128K x 8 EEPROM
Radiation Tolerant
AVAILABLE AS MILITARY
SPECIFICATIONS
SMD 5962-38267
MIL-PRF-38535
FEATURES
High speed: 150, 200, and 250ns
Data Retention: 10 Years
Low power dissipation, active current (20mW/MHz
(TYP)),
standby current (100
μW(MAX))
Single +5V (+10%) power supply
Data Polling and Ready/Busy Signals
Erase/Write Endurance (10,000 cycles in a page mode)
Software Data protection Algorithm
Data Protection Circuitry during power on/off
Hardware Data Protection with RES pin
Automatic Programming:
Automatic Page Write: 10ms (MAX)
128 Byte page size
OPTIONS
MARKINGS
Timing
150ns access
-15
200ns access
-20
250ns access
-25
Packages
Ceramic Flat Pack
F
No. 306
Radiation Shielded Ceramic FP* SF
No. 305
Ceramic SOJ
DCJ
No. 508
Operating Temperature Ranges
-Military (-55oC to +125oC)
XT
-Industrial (-40oC to +85oC)
IT
-Full Military Processing (-55oC to +125oC)
883C
*NOTE: Package lid is connected to ground (Vss). 2-sided shielding
provided via a Tungsten lid and a Tungsten slug on the underside of
package. 6.5X typ. TID boost due to shielding. (Geostationary orbit) Proven
typ. total dose 40K to 100K RADS. Contact factory for more information.
Micross can perform TID lot testing.
GENERAL DESCRIPTION
The AS58C1001 is a 1 Megabit CMOS Electrically Erasable Pro-
grammable Read Only Memory (EEPROM) organized as 131, 072 x
8 bits. The AS58C1001 is capable or in system electrical Byte and
Page reprogrammability.
The AS58C1001 achieves high speed access, low power consump-
tion, and a high level of reliability by employing advanced MNOS
memory technology and CMOS process and circuitry technology and
CMOS process and circuitry technology.
This device has a 128-Byte Page Programming function to make
its erase and write operations faster. The AS58C1001 features Data
Polling and a Ready/Busy signal to indicate completion of erase and
programming operations.
This EEPROM provides several levels of data protection.
Hard-
ware data protection is provided with the RES pin, in addition to noise
protection on the WE signal and write inhibit during power on and
off. Software data protection is implemented using JEDEC Optional
Standard algorithm.
The AS58C1001 is designed for high reliability in the most
de-
manding applications. Data retention is specified for 10 years and
erase/write endurance is guaranteed to a minimum of 10,000 cycles
in the Page Mode.
PIN ASSIGNMENT
(Top View)
32-Pin CFP (F & SF), 32-Pin CSOJ (DCJ)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
RDY/BUSY\
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O 0
I/O 1
I/O 2
Vss
Vcc
A15
RES\
WE\
A13
A8
A9
A11
OE\
A10
CE\
I/O 7
I/O 6
I/O 5
I/O 4
I/O 3


Similar Part No. - AS58C1001

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS58C1001 AUSTIN-AS58C1001 Datasheet
259Kb / 19P
EEPROM
AS58C1001 AUSTIN-AS58C1001 Datasheet
294Kb / 22P
128K x 8 EEPROM EEPROM Memory
AS58C1001 AUSTIN-AS58C1001 Datasheet
351Kb / 21P
128K x 8 EEPROM EEPROM Memory
AS58C1001DCJ-15/883C AUSTIN-AS58C1001DCJ-15/883C Datasheet
259Kb / 19P
EEPROM
AS58C1001DCJ-15/883C AUSTIN-AS58C1001DCJ-15/883C Datasheet
294Kb / 22P
128K x 8 EEPROM EEPROM Memory
More results

Similar Description - AS58C1001

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HG61H HITACHI-HG61H Datasheet
1Mb / 30P
Low power dissipation
logo
ATMEL Corporation
AT28BV64 ATMEL-AT28BV64_14 Datasheet
293Kb / 15P
Low Power Dissipation
logo
Nell Semiconductor Co.,...
D7100W NELLSEMI-D7100W Datasheet
1Mb / 3P
Low power dissipation
D12000W NELLSEMI-D12000W Datasheet
3Mb / 3P
Low power dissipation
D16000W NELLSEMI-D16000W Datasheet
329Kb / 1P
Low power dissipation
logo
Optoway Technology Inc
QPM-2100WG OPTOWAY-QPM-2100WG Datasheet
512Kb / 8P
Low Power Dissipation
logo
Unisonic Technologies
U74AUP1T157G-AL6-R UTC-U74AUP1T157G-AL6-R Datasheet
202Kb / 6P
Low power dissipation
U74LVC1G86G-AE5-R UTC-U74LVC1G86G-AE5-R Datasheet
204Kb / 5P
Low power dissipation
U74LVC1G139G-S08-R UTC-U74LVC1G139G-S08-R Datasheet
205Kb / 5P
Low power dissipation
logo
Vishay Siliconix
TLVH42N2Q2 VISHAY-TLVH42N2Q2 Datasheet
143Kb / 5P
Low power dissipation
14-Oct-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com