Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLS805B1 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLS805B1
Description  Ultra Low Quiescent Current Linear Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS805B1 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLS805B1 Datasheet HTML 1Page - Infineon Technologies AG TLS805B1 Datasheet HTML 2Page - Infineon Technologies AG TLS805B1 Datasheet HTML 3Page - Infineon Technologies AG TLS805B1 Datasheet HTML 4Page - Infineon Technologies AG TLS805B1 Datasheet HTML 5Page - Infineon Technologies AG TLS805B1 Datasheet HTML 6Page - Infineon Technologies AG TLS805B1 Datasheet HTML 7Page - Infineon Technologies AG TLS805B1 Datasheet HTML 8Page - Infineon Technologies AG TLS805B1 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Data Sheet
5
Rev. 1.2 2016-01-11
TLS805B1SJ/LDV
Pin Configuration
3
Pin Configuration
3.1
Pin Assignment in PG-DSO-8 Package
Figure 4
Pin Configuration TLS805B1 in PG-DSO-8 package
3.2
Pin Definitions and Functions in PG-DSO-8 Package
Pin
Symbol
Function
1I
Input
It is recommended to place a small ceramic capacitor (e.g. 100 nF) to GND, close
to the IC terminals, in order to compensate line influences.
2N.C.
Not connected
3EN
Enable
Integrated pull-down resistor.
Enable the IC with high level input signal.
Disable the IC with low level input signal.
4GND
Ground
5N.C.
Not connected
6N.C.
Not connected
7ADJ
Voltage Adjustment
Connect an external voltage divider to determine the output voltage.
8Q
Output
Connect an output capacitor CQ to GND close to the IC’s terminals, respecting the
values specified for its capacitance and ESR in Table 2 “Functional Range” on
Page 9.
Q
ADJ
N.C.
I
N.C.
EN
GND
N.C.
1
3
2
8
7
6
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com