Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLS805B1 Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLS805B1
Description  Ultra Low Quiescent Current Linear Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS805B1 Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLS805B1 Datasheet HTML 18Page - Infineon Technologies AG TLS805B1 Datasheet HTML 19Page - Infineon Technologies AG TLS805B1 Datasheet HTML 20Page - Infineon Technologies AG TLS805B1 Datasheet HTML 21Page - Infineon Technologies AG TLS805B1 Datasheet HTML 22Page - Infineon Technologies AG TLS805B1 Datasheet HTML 23Page - Infineon Technologies AG TLS805B1 Datasheet HTML 24Page - Infineon Technologies AG TLS805B1 Datasheet HTML 25Page - Infineon Technologies AG TLS805B1 Datasheet HTML 26Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Data Sheet
22
Rev. 1.2 2016-01-11
TLS805B1SJ/LDV
Application Information
• IQ: output current
• Iq: quiescent current
The maximum acceptable thermal resistance RthJA can then be calculated:
(6.3)
with
• Tj,max: maximum allowed junction temperature
• Ta: ambient temperature
Based on the above calculation the proper PCB type and the necessary heat sink area can be determined with
reference to the specification in “Thermal Resistance” on Page 10.
Example
Application conditions:
VI = 13.5 V
VQ = 5 V
IQ = 35 mA
Ta = 105 °C
Calculation of RthJA,max:
PD =(VI – VQ) x IQ + VI x Iq
= (13.5V – 5V) x 35 mA + 13.5 V x 0.0115 mA
= 0.2975 W
RthJA,max=(Tj,max – Ta) / PD
= (150 °C – 105 °C) / 0.2975 W
= 151.2 K/W
As a result, the PCB design must ensure a thermal resistance RthJA lower than 151.2 K/W. According to
“Thermal Resistance” on Page 10, for both TLS805B1SJV and TLS805B1LDV at least 300 mm² heatsink area
is needed on the FR4 1s0p PCB, or the FR4 2s2p board can be used.
6.5
Reverse Polarity Protection
TLS805B1 is not self protected against reverse polarity faults. To protect the device against negative supply
voltage, an external reverse polarity diode is needed, as shown in Figure 7. The absolute maximum ratings of
the device as specified in “Absolute Maximum Ratings” on Page 8 must be kept.
6.6
Further Application Information
• For further information you may contact http://www.infineon.com/
RthJA max
,
Tjmax
,
Ta
–
PD
----------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com