Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MYXPM6021 Datasheet(PDF) 39 Page - Micross Components

Part # MYXPM6021
Description  Tin-lead ball metallurgy
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

MYXPM6021 Datasheet(HTML) 39 Page - Micross Components

Back Button MYXPM6021 Datasheet HTML 35Page - Micross Components MYXPM6021 Datasheet HTML 36Page - Micross Components MYXPM6021 Datasheet HTML 37Page - Micross Components MYXPM6021 Datasheet HTML 38Page - Micross Components MYXPM6021 Datasheet HTML 39Page - Micross Components MYXPM6021 Datasheet HTML 40Page - Micross Components MYXPM6021 Datasheet HTML 41Page - Micross Components MYXPM6021 Datasheet HTML 42Page - Micross Components MYXPM6021 Datasheet HTML 43Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 113 page
background image
MYXPM6021*
Revision 1.1 - 10/21/14
*Advanced information. Subject to change without notice.
39
MYXPM6021*
Form #: CSI-D-685 Document 011
Parameter
Description
Test Conditions
Min
Typ
Max
Unit
Transient load current profile
5-250mA
200
ns
Transient droop1
75-1820mA
5-250mA
40
mV
Transient overshoot2
1820-75mA
250-5mA
40
mV
Ton
Turn on time
2
ms
Rpd
Discharge impedance
Vout ..0V
20
Ω
IQ_ON
Quiescent Current in
On Mode
No load
50
μA
Normal Mode – Synchronous rectification (PWM)
Maximum Output
Current (Imax)
1900
mA
ILIMIT
Current limitation
Cycle by cycle
1.3*Imax
mA
Efficiency at VSYS = 3.7V &
Tamb=60°C
with proposed external
components and
PCB layout
See Figure 13
Sleep Mode – Pulse skipping (PSK)
Efficiency at VSYS = 3.7V &
Tamb=60°C
with proposed external
components and
PCB layout
See Figure 13
Notes:
1. IncludingDCaccuracy,rippleandloadregulation
2. IncludingDCaccuracy,rippleandloadregulation
3. RDSONmeasurementonATE
Table14:ElectricalParameterforBUCK_V1P0A(continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com