Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MYXPM6021 Datasheet(PDF) 49 Page - Micross Components

Part # MYXPM6021
Description  Tin-lead ball metallurgy
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

MYXPM6021 Datasheet(HTML) 49 Page - Micross Components

Back Button MYXPM6021 Datasheet HTML 45Page - Micross Components MYXPM6021 Datasheet HTML 46Page - Micross Components MYXPM6021 Datasheet HTML 47Page - Micross Components MYXPM6021 Datasheet HTML 48Page - Micross Components MYXPM6021 Datasheet HTML 49Page - Micross Components MYXPM6021 Datasheet HTML 50Page - Micross Components MYXPM6021 Datasheet HTML 51Page - Micross Components MYXPM6021 Datasheet HTML 52Page - Micross Components MYXPM6021 Datasheet HTML 53Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 113 page
background image
MYXPM6021*
Revision 1.1 - 10/21/14
*Advanced information. Subject to change without notice.
49
MYXPM6021*
Form #: CSI-D-685 Document 011
Figure 18: VDDQ Power Domain Block Diagram
9.6.6.1 Electrical Characteristics VDDQ
Table 22: Electrical Parameter for BUCK_VDDQ
Parameter
Description
Test Conditions
Min
Typ
Max
Unit
VDDQ_VIN
Input voltage
2.7
4.5
V
Cin
At VDDQ_IN
2 x 4.7
μF
Cout
2 x 47 or 4 x 22
μF
ESR of output capacitor
6 @ 22/47μF
m
Ω
ESL of output capacitor
1.6 @ 3MHz
nH
L_BUCK
Inductor value
-20%
2 x 0.47
+20%
μH
L_DCR
Inductor resistance
48
m
Ω
V1P0A Output Voltage
IOUT= Imax
1.24/1.35±2%
F_BUCK
Frequency of operation
3
MHz
Transient load current profile
35-2085mA
200
ns
Transient droop1
35-2085mA
50
mV
Transient overshoot2
2085-35mA
50
mV
Ton
Turn on time
2
ms
Rpd
Discharge impedance
VDDQ .. 0V
20
Ω
IQ_ON
Quiescent current in on
mode
No load
100
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com