Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCS1001-3 Datasheet(PDF) 48 Page - Microchip Technology

Part # UCS1001-3
Description  USB Port Power Controller with Charger Emulation
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1001-3 Datasheet(HTML) 48 Page - Microchip Technology

Back Button UCS1001-3 Datasheet HTML 44Page - Microchip Technology UCS1001-3 Datasheet HTML 45Page - Microchip Technology UCS1001-3 Datasheet HTML 46Page - Microchip Technology UCS1001-3 Datasheet HTML 47Page - Microchip Technology UCS1001-3 Datasheet HTML 48Page - Microchip Technology UCS1001-3 Datasheet HTML 49Page - Microchip Technology UCS1001-3 Datasheet HTML 50Page - Microchip Technology UCS1001-3 Datasheet HTML 51Page - Microchip Technology UCS1001-3 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 57 page
background image
USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.4 (07-16-13)
48
SMSC UCS1001
DATASHEET
4. If the portable device is charging, the UCS1001 will accept that the currently applied profile is the
correct charger emulation profile for the attached portable device. The voltages applied to the
DPOUT and DMOUT pins will remain in place. The UCS1001 will begin operating in trip mode
5. If the portable device is not charging, the UCS1001 will stop the currently applied charger emulation
profile. This will cause all voltages put onto the DPOUT and DMOUT pins to be removed. Emulation
reset occurs, and the UCS1001 will initiate the next charger emulation profile.
8.10.3
Legacy 3 Charger Emulation Profile
The Legacy 3 charger emulation profile does the following:
1. The UCS1001 will connect a resistor (RDCP_RES) between DPOUT and DMOUT.
2. VBUS is applied.
3. If the portable device is charging, the UCS1001 will accept that this is the correct charger emulation
profile for the attached portable device. The resistive short between the DPOUT and DMOUT pins
will be left in place.
4. If the portable device is not charging, the UCS1001 will stop the Legacy 3 charger emulation. This
will cause resistive short between the DPOUT and DMOUT pins to be removed. Emulation reset
occurs, and the UCS1001 will initiate the next charger emulation profile.
8.10.4
Legacy 6 Charger Emulation Profile
The Legacy 6 charger emulation profile does the following:
1. The UCS1001 will apply a voltage on the DPOUT pin using a voltage divider between VBUS and
ground with the center tap on the DPOUT pin.
2. VBUS voltage is applied.
3. If the portable device is charging, the UCS1001 will accept that Legacy 6 is the correct charger
emulation profile for the attached portable device. The voltage applied to the DPOUT pin will
remain in place. The UCS1001 will begin operating in trip mode
4. If the portable device is not charging, the UCS1001 will stop the Legacy 6 charger emulation profile.
This will cause the voltage put onto the DPOUT pin to be removed. Emulation reset occurs, and
the UCS1001 will initiate the next charger emulation profile.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com