Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCS1001-3 Datasheet(PDF) 55 Page - Microchip Technology

Part # UCS1001-3
Description  USB Port Power Controller with Charger Emulation
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1001-3 Datasheet(HTML) 55 Page - Microchip Technology

Back Button UCS1001-3 Datasheet HTML 49Page - Microchip Technology UCS1001-3 Datasheet HTML 50Page - Microchip Technology UCS1001-3 Datasheet HTML 51Page - Microchip Technology UCS1001-3 Datasheet HTML 52Page - Microchip Technology UCS1001-3 Datasheet HTML 53Page - Microchip Technology UCS1001-3 Datasheet HTML 54Page - Microchip Technology UCS1001-3 Datasheet HTML 55Page - Microchip Technology UCS1001-3 Datasheet HTML 56Page - Microchip Technology UCS1001-3 Datasheet HTML 57Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 55 / 57 page
background image
USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1001
55
Revision 1.4 (07-16-13)
DATASHEET
Chapter 11 Document Revision History
Table 11.1 Customer Revision History
REVISION
LEVEL & DATE
SECTION/FIGURE/ENTRY
CORRECTION
Revision 1.4
(07-16-13)
Cover
Added patent information to cover
Table 3.3, "Electrical
Specifications"
Added specifications for IDET_QUAL / IREM_QUAL and IBUS_CHG
Section 9.8.2, "Emulation
Cycling"
Updated text for DCE cycle behavior. Changed cycle order for
1001-3 and 1001-4.
Revision 1.3
(02-14-13)
Table 3.3, "Electrical
Specifications"
Added Pin Wake Time (tPIN_WAKE).
Changed ISLEEP from 8 µA (MAX) to 15 µA (MAX) per
characterization data.
Added 12W Current Limit changes.
Figure 4.5, "Wake Timing"
Changed ~3ms to tPIN_WAKE. Removed third example: “Wake
with S0 & PWR_EN to Auto-transition Detect State (VS >
VS_UVLO, M1 & M2 & EM_EN not all ‘0’ and not set to Data
Pass-through)”.
Chapter 4, General
Description
After system diagrams, noted that is available.
Chapter 11, Document
Revision History
Added.
Revision 1.2
(05-21-12)
Cover
Certification added: “
UL recognized and EN/IEC 60950-1
(CB) certified”
Revision 1.2
(05-16-12)
Cover
Source voltage: Vs MIN moved from 2.7 to 2.9 V to
accommodate UL
Table 3.3, "Electrical
Specifications"
Source voltage: Vs MIN moved from 2.7 to 2.9 V to
accommodate UL
Cover
There are nine preloaded charger emulation profiles.
Chapter 2, Pin Description
Changed “unused connection” to n/a for ILIM, SEL, LATCH,
and S0 pins as they must be used.
Added Note 2.1: Total leakage current from pins 3 and 4
(VBUS) to ground must be less than 100 µA for proper attach
/ removal detection operation.
Table 3.3, "Electrical
Specifications"
Updated selectable current limits (ILIMx) min and max values.
Typical values did not change.
Changed IACTIVE from 500 µA (TYP) to 650 µA (TYP).
Changed IACTIVE from TBD µA (MAX) to 750 µA (MAX).
Changed ISLEEP from TBD µA (MAX) to 8 µA (MAX).
Table 4.1, "Power States
Control Settings"
“Behavior” cell in the "Sleep" row: Clarified behavior by
adding "VBUS will be near ground potential”.
Section 4.1.2, "Sleep State
Operation"
Clarified behavior by adding "VBUS will be near ground
potential”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com