Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST39VF401C Datasheet(PDF) 16 Page - Microchip Technology

Part # SST39VF401C
Description  4 Mbit (x16) Multi-Purpose Flash Plus
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST39VF401C Datasheet(HTML) 16 Page - Microchip Technology

Back Button SST39VF401C Datasheet HTML 12Page - Microchip Technology SST39VF401C Datasheet HTML 13Page - Microchip Technology SST39VF401C Datasheet HTML 14Page - Microchip Technology SST39VF401C Datasheet HTML 15Page - Microchip Technology SST39VF401C Datasheet HTML 16Page - Microchip Technology SST39VF401C Datasheet HTML 17Page - Microchip Technology SST39VF401C Datasheet HTML 18Page - Microchip Technology SST39VF401C Datasheet HTML 19Page - Microchip Technology SST39VF401C Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005053B
04/14
16
4 Mbit (x16) Multi-Purpose Flash Plus
SST39VF401C / SST39VF402C / SST39LF401C / SST39LF402C
Data Sheet
Electrical Specifications
Absolute Maximum Stress Ratings (Applied conditions greater than those listed under “Absolute
Maximum Stress Ratings” may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these conditions or conditions greater than those defined in the
operational sections of this data sheet is not implied. Exposure to absolute maximum stress rating con-
ditions may affect device reliability.)
Temperature Under Bias .............................................. -55°C to +125°C
Storage Temperature ................................................ -65°C to +150°C
D. C. Voltage on Any Pin to Ground Potential ............................. -0.5V to VDD+0.5V
Transient Voltage (<20 ns) on Any Pin to Ground Potential .................. -2.0V to VDD+2.0V
Voltage on A9 Pin to Ground Potential ..................................... -0.5V to 13.2V
Package Power Dissipation Capability (TA = 25°C) ................................... 1.0W
Surface Mount Solder Reflow ...................................... 260°C for 10 seconds
Output Short Circuit Current1 .................................................. 50mA
1. Outputs shorted for no more than one second. No more than one output shorted at a time.
Table 11: Operating Range
Range
Ambient Temp
VDD
Commercial
0°C to +70°C
2.7-3.6V for SST39VF401C/402C or
3.0-3.6V for SST39LF401C/402C
Industrial
-40°C to +85°C
2.7-3.6V for SST39VF401C/402C or
3.0-3.6V for SST39LF401C/402C
T11.0 25053
Table 12: AC Conditions of Test1
1. See Figures 20 and 21
Input Rise/Fall Time
Output Load
5ns
CL =30pF
T12.1 25053



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com